Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY7C1381KV33 Datasheet(PDF) 30 Page - Cypress Semiconductor

Part No. CY7C1381KV33
Description  18-Mbit (512K × 36/1M × 18) Flow-Through SRAM (With ECC)
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381KV33 Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button CY7C1381KV33 Datasheet HTML 26Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 27Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 28Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 29Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 30Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 31Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 32Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 33Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 34Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
CY7C1381KV33/CY7C1381KVE33
CY7C1383KV33/CY7C1383KVE33
Document Number: 001-97888 Rev. *F
Page 30 of 34
Package Diagrams
Figure 9. 100-pin TQFP (14 × 20 × 1.4 mm) A100RA Package Outline, 51-85050
1
2
NOTE:
3. JEDEC SPECIFICATION NO. REF: MS-026.
2. BODY LENGTH DIMENSION DOES NOT
MOLD PROTRUSION/END FLASH SHALL
1. ALL DIMENSIONS ARE IN MILLIMETERS.
BODY SIZE INCLUDING MOLD MISMATCH.
L 1
1.00 REF
L
c
0.45 0.60 0.75
0.20
NOM.
MIN.
D1
R2
E1
E
0.08
D
2
A
A
1
A
1.35 1.40
SYMBOL
MAX.
0.20
1.45
1.60
0.15
b
0.22 0.30 0.38
e
0.65 TYP
DIMENSIONS
1
R
0.08
L 2
0.25 BSC
0.05
0.20
INCLUDE MOLD PROTRUSION/END FLASH.
15.80 16.00 16.20
13.90 14.00 14.10
NOT EXCEED 0.0098 in (0.25 mm) PER SIDE.
BODY LENGTH DIMENSIONS ARE MAX PLASTIC
21.80 22.00 22.20
19.90 20.00 20.10
L 30.20
1
11°
13°
2
12°
51-85050 *G


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn