Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY7C1381KV33 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part No. CY7C1381KV33
Description  18-Mbit (512K × 36/1M × 18) Flow-Through SRAM (With ECC)
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381KV33 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button CY7C1381KV33 Datasheet HTML 25Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 26Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 27Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 28Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 29Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 30Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 31Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 32Page - Cypress Semiconductor CY7C1381KV33 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
CY7C1381KV33/CY7C1381KVE33
CY7C1383KV33/CY7C1383KVE33
Document Number: 001-97888 Rev. *F
Page 29 of 34
Ordering Information
Cypress offers other versions of this type of product in many different configurations and features. The below table contains only the
list of parts that are currently available. For a complete listing of all options, visit the Cypress website at www.cypress.com and refer
to the product summary page at http://www.cypress.com/products or contact your local sales representative. Cypress maintains a
worldwide network of offices, solution centers, manufacturer's representatives and distributors. To find the office closest to you, visit
us at t http://www.cypress.com/go/datasheet/offices.
Ordering Code Definitions
Speed
(MHz)
Ordering Code
Package
Diagram
Part and Package Type
Operating
Range
133
CY7C1381KV33-133AXC
51-85050 100-pin TQFP (14 × 20 × 1.4 mm) Pb-free
Commercial
CY7C1383KV33-133AXC
CY7C1381KVE33-133AXI
lndustrial
CY7C1381KV33-133AXI
CY7C1383KVE33-133AXI
CY7C1383KV33-133AXI
100
CY7C1381KV33-100AXC
51-85050 100-pin TQFP (14 × 20 × 1.4 mm) Pb-free
Commercial
CY7C1381KV33-100BZXI
51-85180 165-ball FBGA (13 × 15 × 1.4 mm) Pb-free
lndustrial
Temperature range: X = C or I
C = Commercial = 0 °C to +70 °C; I = Industrial = -40 °C to +85 °C
X = Pb-free; X Absent = Leaded
Package Type: XX = A or BZ
A = 100-pin TQFP
BZ = 165-ball FBGA
Speed Grade: XXX = 100 MHz or 133 MHz
33 = 3.3 V VDD
E = Device with ECC; E Absent = Device without ECC
Process Technology: K =
65 nm
Part Identifier: 13XX = 1381 or 1383
1381 = FT, 512Kb × 36 (18Mb)
1383 = FT, 1Mb × 18 (18Mb)
Technology Code: C = CMOS
Marketing Code: 7 = SRAM
Company ID: CY = Cypress
C
13XX
- XXX
X
XX
33
X
CY 7
KV E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn