Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1061GN30-10BVJXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1061GN30-10BVJXI
Description  16-Mbit (1M words 횞 16 bit) Static RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1061GN30-10BVJXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1061GN30-10BVJXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1061GN30-10BVJXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1061GN30-10BVJXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1061GN30-10BVJXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1061GN30-10BVJXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1061GN30-10BVJXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1061GN30-10BVJXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1061GN30-10BVJXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1061GN30-10BVJXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
CY7C1061GN/CY7C10612GN
Document Number: 001-93680 Rev. *C
Page 8 of 21
Data Retention Characteristics
Over the Operating Range
Parameter
Description
Conditions
Min
Max
Unit
VDR
VCC for data retention
1
V
ICCDR
Data retention current
VCC = 1.2 V,
CE1 > VCC – 0.2 V, CE2 < 0.2 V,
VIN > VCC – 0.2 V or VIN < 0.2 V
–30
mA
tCDR [9]
Chip deselect to data retention
time
–0
ns
tR[10]
Operation recovery time
VCC > 2.2 V
10
ns
VCC < 2.2 V
15
Data Retention Waveform
Figure 8. Data Retention Waveform [11]
VCC (min)
VCC (min)
tCDR
VDR > 1 V
Data Retention Mode
tR
CE
VCC
Notes
9. Tested initially and after any design or process changes that may affect these parameters.
10. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 100 s or stable at VCC(min.) > 100 s.
11. CE is the logical combination of CE1 and CE2. When CE1 is LOW and CE2 is HIGH, CE is LOW; when CE1 is HIGH or CE2 is LOW, CE is HIGH.


Similar Part No. - CY7C1061GN30-10BVJXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1061GN30-10BVXI CYPRESS-CY7C1061GN30-10BVXI Datasheet
412Kb / 18P
   16-Mbit (1 M words 횞 16 bit) Static RAM
More results

Similar Description - CY7C1061GN30-10BVJXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C10612G CYPRESS-CY7C10612G Datasheet
455Kb / 19P
   16-Mbit (1M 횞 16) Static RAM
CY7C1061GN30 CYPRESS-CY7C1061GN30 Datasheet
412Kb / 18P
   16-Mbit (1 M words 횞 16 bit) Static RAM
CY7C1041GN CYPRESS-CY7C1041GN Datasheet
660Kb / 18P
   4-Mbit (256K words 횞 16 bit) Static RAM
CY62167G CYPRESS-CY62167G Datasheet
570Kb / 19P
   16-Mbit (1M Words 횞 16 Bit) Static RAM with Error-Correcting Code (ECC)
CY62147GN CYPRESS-CY62147GN Datasheet
298Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM
CY62167GN CYPRESS-CY62167GN Datasheet
532Kb / 19P
   16-Mbit (1M 횞 16/2M 횞 8) Static RAM
CY62146G CYPRESS-CY62146G Datasheet
661Kb / 22P
   4-Mbit (256K words 횞 16 bit) Static RAM with
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY7S1061G CYPRESS-CY7S1061G Datasheet
1Mb / 23P
   16-Mbit (1 M words 횞 16 bit) Static RAM with PowerSnooze??and ECC
CY62167DV30 CYPRESS-CY62167DV30_10 Datasheet
319Kb / 17P
   16-Mbit (1M x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com