Electronic Components Datasheet Search |
|
CY7C1061GN30-10BV1XI Datasheet(PDF) 9 Page - Cypress Semiconductor |
|
CY7C1061GN30-10BV1XI Datasheet(HTML) 9 Page - Cypress Semiconductor |
9 / 21 page CY7C1061GN/CY7C10612GN Document Number: 001-93680 Rev. *C Page 9 of 21 AC Switching Characteristics Over the Operating Range Parameter [12] Description -10 -15 Unit Min Max Min Max Read Cycle tpower VCC(typical) to the first access [13] 100 – 100 – s tRC Read cycle time 10 – 15 – ns tAA Address to data valid – 10 – 15 ns tOHA Data hold from address change 3 – 3 – ns tACE CE1 LOW/CE2 HIGH to data valid – 10 – 15 ns tDOE OE LOW to data valid – 5 – 8 ns tLZOE OE LOW to low Z [14] 0 –1– ns tHZOE OE HIGH to high Z [14, 15] – 5–8 ns tLZCE CE1 LOW/CE2 HIGH to low Z [14] 3 –3– ns tHZCE CE1 HIGH/CE2 LOW to high Z [14, 15] – 5–8 ns tPU CE1 LOW/CE2 HIGH to power-up [16] 0 –0– ns tPD CE1 HIGH/CE2 LOW to power-down [16] –10–15 ns tDBE Byte enable to data valid – 5 – 8 ns tLZBE Byte enable to low Z 0 – 1 – ns tHZBE Byte disable to high Z – 6 – 8 ns Write Cycle [17, 18] tWC Write cycle time 10 – 15 – ns tSCE CE1 LOW/CE2 HIGH to write end[19] 7– 12 – ns tAW Address setup to write end 7 – 12 – ns tHA Address hold from write end 0– 0– ns tSA Address setup to write start 0 – 0 – ns tPWE WE pulse width 7 – 12 – ns tSD Data setup to write end 5 – 8 – ns tHD Data hold from write end 0 – 0 – ns tLZWE WE HIGH to low Z [14] 3 –3– ns tHZWE WE LOW to high Z [14, 15] – 5–8 ns tBW Byte Enable to End of Write 7– 12 – ns Notes 12. Test conditions assume signal transition time (rise/fall) of 3 ns or less, timing reference levels of 1.5 V (for VCC > 3 V) and VCC/2 (for VCC < 3 V), and input pulse levels of 0 to 3 V (for VCC > 3 V) and 0 to VCC (for VCC < 3V). Test conditions for the read cycle use the output loading, shown in part (a) of Figure 7 on page 7, unless specified otherwise. 13. tPOWER gives the minimum amount of time that the power supply is at typical VCC values until the first memory access is performed. 14. At any temperature and voltage condition, tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any device. 15. tHZOE, tHZCE, tHZWE, and tHZBE are specified with a load capacitance of 5 pF, as shown in part (b) of Figure 7 on page 7. Hi-Z, Lo-Z transition is measured 200 mV from steady state voltage. 16. These parameters are guaranteed by design and are not tested. 17. The internal write time of the memory is defined by the overlap of WE, CE1 = VIL, and CE2 = VIH. Chip enables must be active and WE and byte enables must be LOW to initiate a write, and the transition of any of these signals can terminate. The input data setup and hold timing should be referenced to the edge of the signal that terminates the write. 18. The minimum write cycle time for Write Cycle No. 2 (WE Controlled, OE LOW) is the sum of tHZWE and tSD. 19. For all dual chip enable devices, CE is the logical combination of CE1 and CE2. When CE1 is LOW and CE2 is HIGH, CE is LOW; when CE1 is HIGH or CE2 is LOW, CE is HIGH. |
Similar Part No. - CY7C1061GN30-10BV1XI |
|
Similar Description - CY7C1061GN30-10BV1XI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |