Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C10612GN30-10ZSXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C10612GN30-10ZSXI
Description  16-Mbit (1M words 횞 16 bit) Static RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C10612GN30-10ZSXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C10612GN30-10ZSXI Datasheet HTML 2Page - Cypress Semiconductor CY7C10612GN30-10ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY7C10612GN30-10ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY7C10612GN30-10ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY7C10612GN30-10ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY7C10612GN30-10ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY7C10612GN30-10ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY7C10612GN30-10ZSXI Datasheet HTML 9Page - Cypress Semiconductor CY7C10612GN30-10ZSXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
CY7C1061GN/CY7C10612GN
Document Number: 001-93680 Rev. *C
Page 6 of 21
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage Temperature ............................... –65
C to +150 C
Ambient Temperature
with Power Applied .................................. –55
C to +125 C
Supply Voltage
on VCC relative to GND [4] .................. –0.5 V to VCC + 0.5 V
DC Voltage Applied to Outputs
in High Z State [4] ................................ –0.5 V to VCC + 0.5 V
DC Input Voltage [4] ............................ –0.5 V to VCC + 0.5 V
Current into Outputs (LOW) ........................................ 20 mA
Static Discharge Voltage
(MIL-STD-883, Method 3015) .................................. >2001 V
Latch Up Current .................................................... >200 mA
Operating Range
Range
Ambient Temperature
VCC
Industrial
–40
C to +85 C
1.65 V to 2.2 V,
2.2 V to 3.6 V
DC Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
10 ns/15 ns
Unit
Min
Typ [5]
Max
VOH
Output HIGH
voltage
1.65 V to 2.2 V VCC = Min, IOH = –0.1 mA
1.4
V
2.2 V to 2.7 V VCC = Min, IOH = –0.1 mA
2.0
2.7 V to 3.0 V VCC = Min, IOH = –4.0 mA
2.2
3.0 V to 3.6 V VCC = Min, IOH = –4.0 mA
2.4
VOL
Output LOW
voltage
1.65 V to 2.2 V VCC = Min, IOL = 0.1 mA
0.2
V
2.2 V to 2.7 V VCC = Min, IOL = 2 mA
0.4
2.7 V to 3.6 V VCC = Min, IOL = 8 mA
0.4
VIH
Input HIGH
voltage [4]
1.65 V to 2.2 V –
1.4
VCC + 0.2
V
2.2 V to 2.7 V –
2.0
VCC + 0.3
2.7 V to 3.6 V –
2.0
VCC + 0.3
VIL
Input LOW
voltage [4]
1.65 V to 2.2 V –
–0.2
0.4
V
2.2 V to 2.7 V –
–0.3
0.6
2.7 V to 3.6 V –
–0.3
0.8
IIX
Input leakage current
GND < VI < VCC
–1
+1
A
IOZ
Output leakage current
GND < VOUT < VCC, Output disabled
–1
+1
A
ICC
VCC operating supply current
VCC = Max,
IOUT = 0 mA,
CMOS levels
f = 100 MHz
90
110
mA
f = 66.7 MHz
70
80
ISB1
Automatic CE power down
current – TTL inputs[6]
Max VCC,
CE1 > VIH, CE2 < VIL,
VIN > VIH or VIN < VIL, f = fMAX
––
40
mA
ISB2
Automatic CE power down
current – CMOS inputs[6]
Max VCC,
CE1 > VCC – 0.3 V, CE2 < 0.3 V,
VIN > VCC – 0.3 V or VIN < 0.3 V, f = 0
–20
30
mA
Notes
4. VIL(min) = –2.0 V and VIH(max) = VCC + 2 V for pulse durations of less than 20 ns.
5. Typical values are included only for reference and are not guaranteed or tested. Typical values are measured at VCC = 1.8 V (for a VCC range of 1.65 V–2.2 V),
VCC = 3 V (for a VCC range of 2.2 V–3.6 V) at TA = 25 °C.
6. For all dual chip enable devices, CE is the logical combination of CE1 and CE2. When CE1 is LOW and CE2 is HIGH, CE is LOW; when CE1 is HIGH or CE2 is LOW,
CE is HIGH.


Similar Part No. - CY7C10612GN30-10ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C10612G CYPRESS-CY7C10612G Datasheet
455Kb / 19P
   16-Mbit (1M 횞 16) Static RAM
CY7C10612G30-10ZSXI CYPRESS-CY7C10612G30-10ZSXI Datasheet
455Kb / 19P
   16-Mbit (1M 횞 16) Static RAM
CY7C10612G30-10ZSXIT CYPRESS-CY7C10612G30-10ZSXIT Datasheet
455Kb / 19P
   16-Mbit (1M 횞 16) Static RAM
CY7C10612GE CYPRESS-CY7C10612GE Datasheet
455Kb / 19P
   16-Mbit (1M 횞 16) Static RAM
CY7C10612GE30-10ZSXI CYPRESS-CY7C10612GE30-10ZSXI Datasheet
455Kb / 19P
   16-Mbit (1M 횞 16) Static RAM
More results

Similar Description - CY7C10612GN30-10ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C10612G CYPRESS-CY7C10612G Datasheet
455Kb / 19P
   16-Mbit (1M 횞 16) Static RAM
CY7C1061GN30 CYPRESS-CY7C1061GN30 Datasheet
412Kb / 18P
   16-Mbit (1 M words 횞 16 bit) Static RAM
CY7C1041GN CYPRESS-CY7C1041GN Datasheet
660Kb / 18P
   4-Mbit (256K words 횞 16 bit) Static RAM
CY62167G CYPRESS-CY62167G Datasheet
570Kb / 19P
   16-Mbit (1M Words 횞 16 Bit) Static RAM with Error-Correcting Code (ECC)
CY62147GN CYPRESS-CY62147GN Datasheet
298Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM
CY62167GN CYPRESS-CY62167GN Datasheet
532Kb / 19P
   16-Mbit (1M 횞 16/2M 횞 8) Static RAM
CY62146G CYPRESS-CY62146G Datasheet
661Kb / 22P
   4-Mbit (256K words 횞 16 bit) Static RAM with
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY7S1061G CYPRESS-CY7S1061G Datasheet
1Mb / 23P
   16-Mbit (1 M words 횞 16 bit) Static RAM with PowerSnooze??and ECC
CY62167DV30 CYPRESS-CY62167DV30_10 Datasheet
319Kb / 17P
   16-Mbit (1M x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com