Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1061GN30 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1061GN30
Description  16-Mbit (1 M words 횞 16 bit) Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1061GN30 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1061GN30 Datasheet HTML 4Page - Cypress Semiconductor CY7C1061GN30 Datasheet HTML 5Page - Cypress Semiconductor CY7C1061GN30 Datasheet HTML 6Page - Cypress Semiconductor CY7C1061GN30 Datasheet HTML 7Page - Cypress Semiconductor CY7C1061GN30 Datasheet HTML 8Page - Cypress Semiconductor CY7C1061GN30 Datasheet HTML 9Page - Cypress Semiconductor CY7C1061GN30 Datasheet HTML 10Page - Cypress Semiconductor CY7C1061GN30 Datasheet HTML 11Page - Cypress Semiconductor CY7C1061GN30 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CY7C1061GN30
Document Number: 001-93680 Rev. *A
Page 8 of 18
AC Switching Characteristics
Over the Operating Range
Parameter [10]
Description
-10
Unit
Min
Max
Read Cycle
tpower
VCC(typical) to the first access [11]
100
s
tRC
Read cycle time
10
ns
tAA
Address to data valid
10
ns
tOHA
Data hold from address change
3
ns
tACE
CE1 LOW/CE2 HIGH to data valid
10
ns
tDOE
OE LOW to data valid
5
ns
tLZOE
OE LOW to low Z [12]
0–
ns
tHZOE
OE HIGH to high Z [12]
–5
ns
tLZCE
CE1 LOW/CE2 HIGH to low Z [12]
3–
ns
tHZCE
CE1 HIGH/CE2 LOW to high Z [12]
–5
ns
tPU
CE1 LOW/CE2 HIGH to power-up [13]
0–
ns
tPD
CE1 HIGH/CE2 LOW to power-down [13]
–10
ns
tDBE
Byte enable to data valid
5
ns
tLZBE
Byte enable to low Z
0
ns
tHZBE
Byte disable to high Z
6
ns
Write Cycle [14, 15]
tWC
Write cycle time
10
ns
tSCE
CE1 LOW/CE2 HIGH to write end
7
ns
tAW
Address setup to write end
7
ns
tHA
Address hold from write end
0–
ns
tSA
Address setup to write start
0
ns
tPWE
WE pulse width
7–
ns
tSD
Data setup to write end
5
ns
tHD
Data hold from write end
0
ns
tLZWE
WE HIGH to low Z [12,13.]
3–
ns
tHZWE
WE LOW to high Z [12,13.]
–5
ns
tBW
Byte Enable to End of Write
7–
ns
Notes
10. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5 V, and input pulse levels of 0 to 3.0 V. Test conditions for the read cycle use
output loading shown in part (a) of Figure 3 on page 6, unless specified otherwise.
11. tPOWER gives the minimum amount of time that the power supply is at typical VCC values until the first memory access is performed.
12. tHZOE, tHZCE, tHZWE, tHZBE, tLZOE, tLZCE, tLZWE, and tLZBE are specified with a load capacitance of 5 pF as in (b) of Figure 3 on page 6. Transition is measured when output goes into
high impedance
13. These parameters are guaranteed by design and are not tested.
14. The internal write time of the memory is defined by the overlap of WE, CE1 = VIL, and CE2 = VIH. Chip enables must be active and WE and byte enables must be
LOW to initiate a write, and the transition of any of these signals can terminate. The input data setup and hold timing should be referenced to the edge of the signal
that terminates the write.
15. The minimum write cycle time for Write Cycle No. 2 (WE Controlled, OE LOW) is the sum of tHZWE and tSD.


Similar Part No. - CY7C1061GN30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1061GN30-10BV1XI CYPRESS-CY7C1061GN30-10BV1XI Datasheet
1Mb / 21P
   16-Mbit (1M words 횞 16 bit) Static RAM
CY7C1061GN30-10BV1XIT CYPRESS-CY7C1061GN30-10BV1XIT Datasheet
1Mb / 21P
   16-Mbit (1M words 횞 16 bit) Static RAM
CY7C1061GN30-10BVJXI CYPRESS-CY7C1061GN30-10BVJXI Datasheet
1Mb / 21P
   16-Mbit (1M words 횞 16 bit) Static RAM
CY7C1061GN30-10BVJXIT CYPRESS-CY7C1061GN30-10BVJXIT Datasheet
1Mb / 21P
   16-Mbit (1M words 횞 16 bit) Static RAM
CY7C1061GN30-10BVXI CYPRESS-CY7C1061GN30-10BVXI Datasheet
1Mb / 21P
   16-Mbit (1M words 횞 16 bit) Static RAM
More results

Similar Description - CY7C1061GN30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1061GN CYPRESS-CY7C1061GN Datasheet
1Mb / 21P
   16-Mbit (1M words 횞 16 bit) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_11 Datasheet
422Kb / 13P
   16-Mbit (1 M 횞 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_12 Datasheet
558Kb / 14P
   16-Mbit (1 M 횞 16) Static RAM
CY7C10612DV33 CYPRESS-CY7C10612DV33_11 Datasheet
329Kb / 11P
   16-Mbit (1 M 횞 16) Static RAM
CY62167DV30LL-55BVXIT CYPRESS-CY62167DV30LL-55BVXIT Datasheet
460Kb / 17P
   16-Mbit (1 M 횞 16) Static RAM
CY7S1061G CYPRESS-CY7S1061G Datasheet
1Mb / 23P
   16-Mbit (1 M words 횞 16 bit) Static RAM with PowerSnooze??and ECC
CY7C1041GN CYPRESS-CY7C1041GN Datasheet
660Kb / 18P
   4-Mbit (256K words 횞 16 bit) Static RAM
CY62147GN CYPRESS-CY62147GN Datasheet
298Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM
CY7C1061G CYPRESS-CY7C1061G Datasheet
563Kb / 18P
   16-Mbit (1 M words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY62167E CYPRESS-CY62167E_10 Datasheet
491Kb / 15P
   16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com