Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1051H30-10BV1XET Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1051H30-10BV1XET
Description  8-Mbit (512K16) Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1051H30-10BV1XET Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1051H30-10BV1XET Datasheet HTML 2Page - Cypress Semiconductor CY7C1051H30-10BV1XET Datasheet HTML 3Page - Cypress Semiconductor CY7C1051H30-10BV1XET Datasheet HTML 4Page - Cypress Semiconductor CY7C1051H30-10BV1XET Datasheet HTML 5Page - Cypress Semiconductor CY7C1051H30-10BV1XET Datasheet HTML 6Page - Cypress Semiconductor CY7C1051H30-10BV1XET Datasheet HTML 7Page - Cypress Semiconductor CY7C1051H30-10BV1XET Datasheet HTML 8Page - Cypress Semiconductor CY7C1051H30-10BV1XET Datasheet HTML 9Page - Cypress Semiconductor CY7C1051H30-10BV1XET Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Document Number: 001-87624 Rev. *G
Page 6 of 16
CY7C1051H Automotive
Data Retention Characteristics
Over the Operating Range
Parameter
Description
Conditions
Min
Max
Unit
VDR
VCC for data retention
1.0
V
ICCDR
Data retention current
VCC = VDR, CE > VCC – 0.2 V,
VIN > VCC – 0.2 V or VIN < 0.2 V
–50
mA
tCDR[7]
Chip deselect to data retention time –
0
ns
tR[8]
Operation recovery time
VCC > 2.2 V
10
ns
Data Retention Waveform
Figure 3. Data Retention Waveform
3.0 V
3.0 V
tCDR
VDR > 1 V
DATA RETENTION MODE
tR
CE
VCC
Notes
7. Tested initially and after any design or process changes that may affect these parameters.
8. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 100 s or stable at VCC(min.) > 100 s.


Similar Part No. - CY7C1051H30-10BV1XET

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33-10BAXI CYPRESS-CY7C1051DV33-10BAXI Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33-10ZSXI CYPRESS-CY7C1051DV33-10ZSXI Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
More results

Similar Description - CY7C1051H30-10BV1XET

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148GN CYPRESS-CY62148GN Datasheet
928Kb / 16P
   4-Mbit (512K 횞 8) Static RAM
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
CY62157EV30 CYPRESS-CY62157EV30_09 Datasheet
414Kb / 15P
   8 Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL Datasheet
314Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV30 CYPRESS-CY62157EV30 Datasheet
625Kb / 14P
   8-Mbit (512K x 16) Static RAM
CY62157E CYPRESS-CY62157E_09 Datasheet
380Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL_09 Datasheet
327Kb / 12P
   8-Mbit (512K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com