Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IPC-619 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part No. IPC-619
Description  Short-depth 4U rackmount chassis for full-size SBC
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADVANTECH [Advantech Co., Ltd.]
Homepage  http://www.advantech.com
Logo 

IPC-619 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Chassis
Features
System reset
Two 5.25"
drive bays
One 3.5"
drive bay
PWR switch
USB
HDD LED
PWR LED
Easy-to-maintain
fan design
Hold-down clamp
Specifications
Drive Bay
External
5.25"
2
3.5"
1
Cooling
Fans
1 (12 cm/85 CFM)
Air Filters
Yes
I/O interfaces
USB
2 (front-accessible)
Miscellaneous
Notification LEDs
PWR, HDD
Control
Power switch and system reset button
Rear Panel
One 9-pin D-Sub opening
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C, non-condensing
10 ~ 95% @ 40° C, non-condensing
Vibration (5-500 Hz)
1 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
Physical
Dimensions (W x H x D)
482 x 177 x 430 mm (19" x 7" x 16.9")
Weight
15 kg (33 lb)
IPC-619
Short-depth 4U rackmount chassis for
full-size SBC
ƒ Space-saving 4U rackmount chassis, with only 429 mm depth
ƒ Supports backplanes up to 14 slots
ƒ Shock-resistant drive bay design supports up to two 5.25" and one 3.5" disk
drives
ƒ Power supply options up to 400W PS/2 single power
Inside View
Front View
All product specifications are subject to change without notice.
Last updated: 25-Jul-2017


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn