Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IPC-619 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part No. IPC-619
Description  Short-depth 4U rackmount chassis for full-size SBC
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADVANTECH [Advantech Co., Ltd.]
Homepage  http://www.advantech.com
Logo 

IPC-619 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
IPC-619
Ordering Information
Model Name
Power Supply
IPC-619BP-00XE
Without power supply, with ATX switch
Power Supply Options
Part Number
80 Plus
Grade
Wattage
Type
Input
PS8-250ATX-ZE
Bronze
250W
Single
AC 100 ~ 240V
(full range)
PS8-300ATX-ZBE
Bronze
300W
Single
AC 100 ~ 240V
(full range)
PS8-400ATX-ZE
Bronze
400W
Single
AC 100 ~ 240V
(full range)
Optional Accessories
Part Name
Description
1990001298
Door filter 150 x 68 mm
1990001299
Fan filter 95 x 130 mm
1750002121
Fan 120 x 120 x 25 mm
IPC-DT-3120E
Mobile rack for converting a 3.5" drive bay to dual
2.5" SATA HDD trays
IPC-DT-5230E
Mobile rack for converting dual 5.25" drive bays to three
3.5" SATA HDD trays
Dimensions
Unit: mm [inch]
101.6 [4.00]
177.0 [6.97]
473.8 [18.65]
92.0
[3.62]
92.0
[3.62]
92.0
[3.62]
98.0
[3.86]
429.3 [16.90]


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn