Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSM5X20 Datasheet(PDF) 3 Page - Schurter Inc.

Part # FSM5X20
Description  Miniature Fuse, 5 x 20 mm, Medium-Time-Lag M, 250 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FSM5X20 Datasheet(HTML) 3 Page - Schurter Inc.

  FSM5X20 Datasheet HTML 1Page - Schurter Inc. FSM5X20 Datasheet HTML 2Page - Schurter Inc. FSM5X20 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Fuses
FSM 5x20
https://www.schurter.com /PG01_2
Fuses
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.5 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
1
250
1)
160
70
200
3.6 0034.2516
1.25
250
1)
160
70
200
5.47 0034.2517
1.6
250
2)
160
150
600
3.33 0034.2518
2
250
2)
160
140
700
4.8 0034.2519
2.5
250
2)
160
130
800
10.9 0034.2520
3.15
250
2)
160
120
1000
20.4 0034.2521
4
250
2)
160
120
1300
35.2 0034.2522
5
250
2)
150
100
1400
52.5 0034.2523
6.3
250
2)
140
100
1700
159 0034.2524
8
250
3)
140
90
2300
237 0034.2525
10
250
3)
120
80
2300
430 0034.2526
Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-
SCHURTER
1) 80 A @ 250 VAC / 80 A @ 125 VDC
2) 1000 A @ 250 VAC / 1000 A @ 125 VDC
3) 300 A @ 250 VAC / 300 A @ 125 VDC
Glass Tube: 0.315 A - 1.25 A
Ceramic Tube: 1.6 A - 10 A
Packaging Unit
xxxx.xxxx
Small Box Pack (10 pcs.)
xxxx.xxxx.G
Bulk 128 x 91 x 60 mm (1000 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - FSM5X20

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSM5X20 SCHURTER-FSM5X20 Datasheet
243Kb / 3P
   Miniature Fuse, 5 x 20 mm, Medium-Time-Lag M, 250 VAC
FSM5X20 SCHURTER-FSM5X20 Datasheet
243Kb / 3P
   Miniature Fuse, 5 x 20 mm, Medium-Time-Lag M, 250 VAC
04.01.2022
FSM5X20 SCHURTER-FSM5X20_V01 Datasheet
243Kb / 3P
   Miniature Fuse, 5 x 20 mm, Medium-Time-Lag M, 250 VAC
FSM5X20 SCHURTER-FSM5X20_V02 Datasheet
243Kb / 3P
   Miniature Fuse, 5 x 20 mm, Medium-Time-Lag M, 250 VAC
04.01.2022
More results

Similar Description - FSM5X20

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSM5X20 SCHURTER-FSM5X20_V01 Datasheet
243Kb / 3P
   Miniature Fuse, 5 x 20 mm, Medium-Time-Lag M, 250 VAC
FSM5X20 SCHURTER-FSM5X20_V02 Datasheet
243Kb / 3P
   Miniature Fuse, 5 x 20 mm, Medium-Time-Lag M, 250 VAC
04.01.2022
00342511 SCHURTER-00342511 Datasheet
247Kb / 2P
   Miniature Fuse, 5 x 20 mm, Medium-Time-Lag M, 250 VAC
FTT5X20 SCHURTER-FTT5X20_V02 Datasheet
262Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
04.01.2022
00343101 SCHURTER-00343101 Datasheet
362Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20 Datasheet
333Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FTT5X20 SCHURTER-FTT5X20 Datasheet
247Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
FST5X20 SCHURTER-FST5X20_V02 Datasheet
349Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
04.01.2022
00343761 SCHURTER-00343761 Datasheet
259Kb / 2P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
FSL5X20 SCHURTER-FSL5X20 Datasheet
181Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com