Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1TD Datasheet(PDF) 2 Page - Schurter Inc.

Part # D1TD
Description  Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

D1TD Datasheet(HTML) 2 Page - Schurter Inc.

  D1TD Datasheet HTML 1Page - Schurter Inc. D1TD Datasheet HTML 2Page - Schurter Inc. D1TD Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Fuses
D1TD
https://www.schurter.com /PG01_2
Fuses
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimension [mm]
20 mm
20±0.5
Pre-Arcing Time
Rated Current In
1.1 x In min.
2.0 x In max.
2.1 x In max.
3.0 x In min.
3.0 x In max.
5.0 x In min.
5.0 x In max. 10.0 x In min.
0.031 A - 1.25 A
-
10 min
-
1 s
60 s
300 ms
10 s
30 ms
1.6 A - 15 A
-
-
10 min
1 s
60 s
300 ms
10 s
30 ms
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
≤ 1.25 A
_> 1.6 A
Multiple of Rated Current In


Similar Part No. - D1TD

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
D1TD SCHURTER-D1TD Datasheet
476Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
D1TD SCHURTER-D1TD Datasheet
180Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
04.01.2022
D1TD SCHURTER-D1TD_V02 Datasheet
180Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
04.01.2022
More results

Similar Description - D1TD

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
D1TD SCHURTER-D1TD Datasheet
476Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
D1TD SCHURTER-D1TD_V02 Datasheet
180Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
04.01.2022
FTT5X20 SCHURTER-FTT5X20_V02 Datasheet
262Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
04.01.2022
FTT5X20 SCHURTER-FTT5X20 Datasheet
247Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
00345031 SCHURTER-00345031 Datasheet
285Kb / 2P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
D8TD SCHURTER-D8TD Datasheet
257Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Time-Lag TT, NNO, 220 VAC
D8TD SCHURTER-D8TD_13 Datasheet
224Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Super-Time-Lag TT, NNO, 220 VAC
D20TD SCHURTER-D20TD Datasheet
373Kb / 3P
   Miniature Fuse, 10.3 x 38 mm, Super-Time-Lag TT, 250 VAC
D20TD SCHURTER-D20TD_V01 Datasheet
201Kb / 2P
   Miniature Fuse, 10.3 x 38 mm, Super-Time-Lag TT, 250 VAC
70103110 SCHURTER-70103110 Datasheet
449Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, NF, 220 VAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com