Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

401494 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. 401494
Description  Real-Time PCR System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

401494 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  401494 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 401494 Datasheet HTML 2Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.agilent.com/genomics/ariadxsoftware
For In Vitro Diagnostic Use
PR7000-0181
© Agilent Technologies, Inc., 2018
Published in USA, March 5, 2018
5991-6877EN
Ordering Information
Feature
Description
Operating System
• Windows 7 and 10
Run Modes
• Stand alone
• PC connected
• LAN connected to PC (more than 20 instruments can be connected and monitored remotely)
• USB connected, external devices
Software
Free software including LIMS connectivity feature
Optical Module Calibration
and Cleaning
• All channels can be tested and calibrated
• All attributes of optical channels are calibrated at the factory – LED light output, light path, mirror, and photodiode
• Optical modules can be cleaned in lab without Agilent technician or sending back to factory
Selected Applications
• Quantitative and qualitative gene expression analysis
• miRNA analysis
• Genetic mapping
• Genetic fingerprinting
• NGS library quantification
• 2-6 channel multiplex ability
• Pathogen quantification
Specifications Table continued
Category
Part #
Description
Quantity
Instrumentation
K8930AA
AriaDx Real-Time PCR instrument
1
Option 101
SYBR/FAM Optical Cartridge
1/pack
Option 102
ROX Optical Cartridge
1/pack
Option 103
HEX Optical Cartridge
1/pack
Option 104
CY3 Optical Cartridge
1/pack
Option 105
CY5 Optical Cartridge
1/pack
Option 106
ATTO425 Optical Cartridge
1/pack
Option 300
Electronic Tracking
1
Option 650
PC Kit
1
AriaDx Software Upgrade
(post instrument purchase)
K5822AA
Electronic Tracking of AriaDx Software (Upgrade)
1
Optical Cartridges
(sold without instrument)
G8830-67001
SYBR/FAM Optical Cartridge
1/pack
G8830-67002
ROX Optical Cartridge
1/pack
G8830-67003
HEX Optical Cartridge
1/pack
G8830-67004
CY3 Optical Cartridge
1/pack
G8830-67005
CY5 Optical Cartridge
1/pack
G8830-67006
ATTO425 Optical Cartridge
1/pack
Plastics
401490
96-well plates, skirted and low profile
1 x 25/pack
401491
96-well plates, skirted and rigid
1 x 25/pack
401494
96-well plates, non skirted low profile
1 x 25/pack
401492
Adhesive plate seals
1 x 25 plates
401493
Low profile strip tubes for PCR and qPCR applications, without caps
8/strip x 120/box
401425
Strip caps for PCR and qPCR applications
8/strip x 120/box
401427
Optical Strip Caps
Box of 60
Reagents
SYBR
5190-7708
SYBR Qualification Plate
1 plate/pack


Similar Part No. - 401494

ManufacturerPart No.DatasheetDescription
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
401494 HP-401494 Datasheet
309Kb / 2P
   Real-Time PCR System
More results

Similar Description - 401494

ManufacturerPart No.DatasheetDescription
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
G8830A HP-G8830A Datasheet
309Kb / 2P
   Real-Time PCR System
National Instruments Corporation
National Instruments Co...
NIEVS-1464RT NI-NIEVS-1464RT Datasheet
246Kb / 7P
   Real-Time Embedded Vision System
rfsolutions.ltd
rfsolutions.ltd
ICEPIC3 RFSOLUTIONS-ICEPIC3 Datasheet
301Kb / 4P
   MODULAR, REAL TIME EMULATOR SYSTEM FOR
ICEPIC RFSOLUTIONS-ICEPIC Datasheet
149Kb / 2P
   MODULAR, REAL TIME EMULATOR SYSTEM FOR PIC16CXX
ICEPIC2 RFSOLUTIONS-ICEPIC2 Datasheet
316Kb / 2P
   MODULAR, REAL TIME EMULATOR SYSTEM FOR ALL PIC?셲
OKI electronic componets
OKI electronic componet...
MSM6782-01 OKI-MSM6782-01 Datasheet
88Kb / 17P
   REAL TIME CLOCK
Epson ToYoCom
Epson ToYoCom
RTC-8593SA EPSONTOYOCOM-RTC-8593SA Datasheet
377Kb / 2P
   Real time clock
RTC-64613 EPSONTOYOCOM-RTC-64613 Datasheet
440Kb / 2P
   Real time clock
Golledge Electronics Ltd
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2_08 Datasheet
55Kb / 1P
   Real Time Clock
Dallas Semiconductor
Dallas Semiconductor
DS12887 DALLAS-DS12887 Datasheet
584Kb / 19P
   Real Time Clock
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz