Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

401494 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. 401494
Description  Real-Time PCR System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

401494 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  401494 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 401494 Datasheet HTML 2Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Total Confidence qPCR
The AriaDx Real-Time PCR System is a fully
integrated quantitative PCR amplification,
detection, and data analysis system. Now
with innovative modular optics which can be
changed out in one easy step, the instrument
provides the flexibility to scale up over time,
as needed.
The latest design combines a state-of-the-art
thermal cycler, an advanced optical system
with LED excitation source, and data analysis
software. Continuing the tradition of intuitive
software, the instrument now has a
touchscreen, so plates and analytics can
be started with the touch of a finger.
With enhanced performance, the software
provides results capturing RDML information
required for publishing under the miQE
guidelines. Simultaneously, the software is
equipped to export images and raw data
in multiple formats, allowing results to be
viewed in common programs.
For more firmware and software features, see next page.
AriaDx
Real-Time PCR System
Specifications Table
Feature
Description
Excitation Source
8 dye specific LEDs per optical module
Detection Sources
8 photodiodes
Optical Cartridges
SYBR/FAM
HEX
ROX
CY3
CY5
ATTO425
6 slots, swappable optical modules
Dye Selection
Excitation and Emission
Reaction Volume
10 μl to 30 μl
Chemistries Supported
SYBR and Probes
Thermal System
Six Peltiers made from two ceramic plates with semi-conductor elements, 96-well
Thermal System
Temperature Range
25.0 – 99.9°C
Heating: 6.0°C/sec
Cooling: 3.0°C/sec (Median), 2.5°C/sec (Average)
Accuracy: ± 0.2°C or better at typical annealing, amplification, and denaturation
temperatures
Dynamic Range
9
Experiment Types
Quantitative PCR with dye, Quantitative PCR with probe, Allele Discrimination with
probe, Comparative Quantitation, User Defined
Uniformity
± 0.4°C
Data Acquisition Time
<3 seconds for all
Cq Uniformity
Cq St Dev <0.20 at fast cycling (5s 95°C/10s 60°C)
Electrical Power (input)
100 – 240VAC, 50/60Hz, 1100VA
Operating Environment
20 – 30°C, 20 – 80% non-condensing humidity, 7500 feet, max altitude
Weight
50 lbs. (23 kg)
Dimensions
19.7” W x 18.1“ D x 16.5” H (50cm x 46cm x 42cm)
Sample Containers
96-well plates, strip tubes; 0.2mL tubes
Warranty
• 1 year warranty is standard with the instrument
• 5 year warranty and service packages available
Onboard Analytics
• Thermal, physical, interactive (sensors) tests
• Extended: 125 performance points tested in 30 minutes
• Start-up: 59 performance points tested in ~1 minute
• Optional bypass of both features
Services (upon request) • Installation & Familiarization
• Diagnostic Preventative Maintenance
• Additional service contract to extend warranty coverage up to 5 years
• Return-to-Agilent Instrument Exchange Program
• Thermal block verification
For In Vitro Diagnostic Use


Similar Part No. - 401494

ManufacturerPart No.DatasheetDescription
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
401494 HP-401494 Datasheet
309Kb / 2P
   Real-Time PCR System
More results

Similar Description - 401494

ManufacturerPart No.DatasheetDescription
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
G8830A HP-G8830A Datasheet
309Kb / 2P
   Real-Time PCR System
National Instruments Corporation
National Instruments Co...
NIEVS-1464RT NI-NIEVS-1464RT Datasheet
246Kb / 7P
   Real-Time Embedded Vision System
rfsolutions.ltd
rfsolutions.ltd
ICEPIC3 RFSOLUTIONS-ICEPIC3 Datasheet
301Kb / 4P
   MODULAR, REAL TIME EMULATOR SYSTEM FOR
ICEPIC RFSOLUTIONS-ICEPIC Datasheet
149Kb / 2P
   MODULAR, REAL TIME EMULATOR SYSTEM FOR PIC16CXX
ICEPIC2 RFSOLUTIONS-ICEPIC2 Datasheet
316Kb / 2P
   MODULAR, REAL TIME EMULATOR SYSTEM FOR ALL PIC?셲
OKI electronic componets
OKI electronic componet...
MSM6782-01 OKI-MSM6782-01 Datasheet
88Kb / 17P
   REAL TIME CLOCK
Epson ToYoCom
Epson ToYoCom
RTC-8593SA EPSONTOYOCOM-RTC-8593SA Datasheet
377Kb / 2P
   Real time clock
RTC-64613 EPSONTOYOCOM-RTC-64613 Datasheet
440Kb / 2P
   Real time clock
Golledge Electronics Ltd
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2_08 Datasheet
55Kb / 1P
   Real Time Clock
Dallas Semiconductor
Dallas Semiconductor
DS12887 DALLAS-DS12887 Datasheet
584Kb / 19P
   Real Time Clock
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz