Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4729-G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4729-G
Description  2-Phase Stepper-Motor Driver Bipolar-IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4729-G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4729-G Datasheet HTML 2Page - Infineon Technologies AG TLE4729-G Datasheet HTML 3Page - Infineon Technologies AG TLE4729-G Datasheet HTML 4Page - Infineon Technologies AG TLE4729-G Datasheet HTML 5Page - Infineon Technologies AG TLE4729-G Datasheet HTML 6Page - Infineon Technologies AG TLE4729-G Datasheet HTML 7Page - Infineon Technologies AG TLE4729-G Datasheet HTML 8Page - Infineon Technologies AG TLE4729-G Datasheet HTML 9Page - Infineon Technologies AG TLE4729-G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TLE 4729 G
Data Sheet
6
2001-04-09
Characteristics
VS = 6 to 16 V; Tj = – 40 to 130 °C
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
Current Consumption
From +
VS
From +
VS
IS
IS
20
30
50
50
µA
mA
IXX = L;
VS = 12 V;
Tj ≤ 85 °C
IQ1, 2 = 0 A
Oscillator
Output charging current
Charging threshold
Discharging threshold
Frequency
IOSC
VOSCL
VOSCH
fOSC
90
0.8
1.7
18
120
1.3
2.3
24
150
1.9
2.9
30
µA
V
V
kHz
COSC = 2.2 nF
Phase Current (
VS = 9 … 16 V)
Mode “no current”
Voltage threshold of
current Comparator at
Rsense in mode:
Hold
Setpoint
Accelerate
IQ
Vch
Vcs
Vca
40
410
630
0
70
450
700
100
510
800
mA
mV
mV
mV
IX0 = L; IX1 = L
IX0 = H; IX1 = L
IX0 = L; IX1 = H
IX0 = H; IX1 = H
Logic Inputs (Phase X)
Threshold
Hysteresis
L-input current
L-input current
H-input current
VI
VIHy
IIL
IIL
IIH
1.2
– 10
– 100
– 1
1.7
200
– 1
– 20
0
2.2
1
– 5
10
V
mV
µA
µA
µA
VI = 1.2 V
VI = 0 V
VI = 5 V
Logic Inputs (IX1; IX0)
Threshold
Hysteresis
L-input current
H-input current
VI
VIHy
IIL
IIH
0.8
– 100
5
1.7
200
20
2.2
+ 5
50
V
mV
µA
µA
VI = 0 V
VI = 5 V


Similar Part No. - TLE4729-G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4729G INFINEON-TLE4729G Datasheet
697Kb / 29P
   2-Phase Stepper-Motor Driver Bipolar-IC
V1.2, 2008-03-18
TLE4729G INFINEON-TLE4729G_08 Datasheet
697Kb / 29P
   2-Phase Stepper-Motor Driver Bipolar-IC
V1.2, 2008-03-18
More results

Similar Description - TLE4729-G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TCA3727 INFINEON-TCA3727 Datasheet
615Kb / 29P
   2-Phase Stepper-Motor Driver Bipolar IC
Rev. 2.0, 2004-10-01
TLE4729G INFINEON-TLE4729G_08 Datasheet
697Kb / 29P
   2-Phase Stepper-Motor Driver Bipolar-IC
V1.2, 2008-03-18
TCA3727G INFINEON-TCA3727G Datasheet
539Kb / 23P
   2-phase Stepper Motor Driver Bipolar IC
Rev. 2.2, January 2008
logo
Sanken electric
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com