Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-061A Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # HCPL-061A
Description  Option 060 for Plastic Optocoupler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-061A Datasheet(HTML) 1 Page - Broadcom Corporation.

  HCPL-061A Datasheet HTML 1Page - Broadcom Corporation. HCPL-061A Datasheet HTML 2Page - Broadcom Corporation. HCPL-061A Datasheet HTML 3Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IEC/EN/DIN EN60747-5-2
Option 060 for Plastic Optocoupler
Data Sheet
Description
Optocouplers are frequently used to provide high voltage
insulation. Because optocouplers perform this safety func-
tion, they are regulated by many country safety agencies,
both at the component level and the equipment level.
Standard 8 Pin DIP optocouplers with Option 060, are
tested according to IEC/EN/DIN EN60747-5-2 at VIORM
= 630 Vpeak.
Surface Mount SO8 optocouplers with Option 060, are
tested at VIORM = 560 Vpeak.
Avago Technologies also offers other various IEC/EN/DIN
EN60747-5-2 approved products at different levels of
VIORM such as VIORM = 1414 Vpeak
(HCNWxxxx series) and VIORM = 891 Vpeak (HCPL-Jxxx
series).
Refer to the front of the optocoupler section of the Isola-
tion and Control Component Designer’s Catalog, under
Product Safety Regulations section, for a detailed descrip-
tion of IEC/EN/DIN EN60747-5-2 and the partial discharge
tests for production
Option 060 is available on the following products:
Standard 8 Pin DIP Product
(VIORM = 630 Vpeak)
HCPL-2211
HCPL-2212
HCPL-2219
HCPL-2300
HCPL-2400
HCPL-2611
HCPL-261A
HCPL-261N
HCPL-3120
HCPL-3150
HCPL-4503
HCPL-4504
HCPL-4506
HCPL-4701
HCPL-7840
Surface Mount SO8 Product
(VIORM = 560 Vpeak)
HCPL-0211
HCPL-0454
HCPL-0466
HCPL-0611
HCPL-061A
HCPL-061N
HCPL-070A
Contact your local Avago Technologies Sales Representa-
tive concerning availability of this option for optocouplers
not listed.
Ordering Information
Specify Part Number followed by Option Number.
Example:
HCPL-3120#060
This option may also be combined with Option #300 (gull-
wing surface mount) or #500 (gullwing in tape and reel).
To obtain these combinations, order Option #360 or #560
respectively.
Examples:
HCPL-3120 #360 (gullwing surface mount and IEC/EN/DIN
EN60747-5-2 approved)
HCPL-3120 #560 (gullwing surface mount and IEC/EN/DIN
EN60747-5-2 approved in tape and reel)
Marking Information
A XXXXV
YYWW
DATE CODE
LAST 4 DIGITS OF
PART NUMBER
OPTION 060
8 PIN DIP PACKAGE
XXXV
YWW
DATE CODE
LAST 3 DIGITS
OF PART NUMBER
OPTION 060
SO8 PACKAGE
UR
UL RECOGNITION*
* NO UL MARKING ON HCPL-261A/261N/
3120/3150/4701/7840.


Similar Part No. - HCPL-061A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-061A HP-HCPL-061A Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-061A HP-HCPL-061A Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-061A HP-HCPL-061A Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-061A HP-HCPL-061A Datasheet
159Kb / 15P
   遙쁂MR ?곲쳵?잞펷10MBd竊?鵝롥뀯?쎼깢?⒲깉?ャ깤?
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-061A AVAGO-HCPL-061A Datasheet
422Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
More results

Similar Description - HCPL-061A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
316867-1 MACOM-316867-1 Datasheet
30Kb / 1P
   SEAL RUBBER FOR 060 CONTACT
logo
Fuji Electric
4MBI100T-060 FUJI-4MBI100T-060 Datasheet
520Kb / 14P
   4MBI100T-060
logo
Broadcom Corporation.
OPTION020 BOARDCOM-OPTION020 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
AVAGO TECHNOLOGIES LIMI...
E55361 AVAGO-E55361 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
Molex Electronics Ltd.
ATS-639111200 MOLEX-ATS-639111200 Datasheet
224Kb / 6P
   T2 Terminator for 1.52mm (.060) Crimp Terminal
09-24-08
ATS-639011200 MOLEX-ATS-639011200 Datasheet
233Kb / 5P
   Fine Adjust Applicator for 1.52mm (.060) Crimp Terminal
09-10-08
logo
Pomona Electronics
6475 POMONA-6475 Datasheet
37Kb / 2P
   Test Probe Tips For 060 Series Probes
6218 POMONA-6218 Datasheet
27Kb / 1P
   Test Probe Tips For 060 Series Probes
logo
WAGO Kontakttechnik Gmb...
756-1102-060-030 WAGO-756-1102-060-030 Datasheet
214Kb / 4P
   756-1102/060-030
23.11.2021
logo
List of Unclassifed Man...
7187-8847 ETC2-7187-8847 Datasheet
161Kb / 1P
   060 8P HLC HOUSING FEMALE
2011/11/24
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com