Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA7062M Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # SLA7062M
Description  UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7062M Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button SLA7062M Datasheet HTML 7Page - Allegro MicroSystems SLA7062M Datasheet HTML 8Page - Allegro MicroSystems SLA7062M Datasheet HTML 9Page - Allegro MicroSystems SLA7062M Datasheet HTML 10Page - Allegro MicroSystems SLA7062M Datasheet HTML 11Page - Allegro MicroSystems SLA7062M Datasheet HTML 12Page - Allegro MicroSystems SLA7062M Datasheet HTML 13Page - Allegro MicroSystems SLA7062M Datasheet HTML 14Page - Allegro MicroSystems SLA7062M Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SLA7060M THRU SLA7062M
UNIPOLAR STEPPER-MOTOR
TRANSLATOR/DRIVERS
www.allegromicro.com
11
Applications information
Layout.
The printed wirting board should use a heavy ground
plane.
For optimum electrical and thermal performance, the
driver should be soldered directly into the board.
The driver supply terminal, VBB, should be decoupled
with an electrolytic capacitor (>47 µF is recommended)
placed as close to the device as possible.
To avoid problems due to capacitive coupling of the
high dv/dt switching transients, route the high-level, output
traces away from the sensitive, low-level logic traces.
Always drive the logic inputs with a low source impedance
to increase noise immunity.
Grounding. A star ground system located close to the
driver is recommended. The logic supply return and the
driver supply return should be connected together at only a
single point — the star ground.
Logic supply voltage, V
DD. Transients at this terminal
should be held to less than 0.5 V to avoid malfunctioning
operation. Both V
BB and VDD may be turned on or off
separately.
Logic inputs. Unused logic inputs (CW/CCW, M1, M2,
RESET, or SYNC) must be connected to either ground or
the logic supply voltage.
Current sensing. To minimize inaccuracies caused by
ground-trace IR drops in sensing the output current level,
the current-sense resistors, R
S, should have an independent
ground return to the star ground of the device. This path
should be as short as possible. For low-value sense
resistors, the IR drops in the printed wiring board sense
resistor’s traces can be significant and should be taken into
account. The use of sockets should be avoided as they can
introduce variation in R
S due to their contact resistance.
PWM current control. The maximum value of current
limiting (I
TRIP) is set by the selection of RS and the voltage
at the REF input with a transconductance function ap-
proximated by:
I
TRIP = VREF/RS
The required V
REF should not be less than 0.1 V. If it is,
R
S should be increased for a proportionate increase in
V
REF.
Typical application
RS = 0.1
Ω to 2 Ω
R1 = 10 k
R2 = 5.1 k
R3 = 10 k
CA = 100 µF, 50 V
CB = 10 µF, 10 V
C1 = 0.1 µF


Similar Part No. - SLA7062M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SLA7062M ALLEGRO-SLA7062M Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
logo
Sanken electric
SLA7062M SANKEN-SLA7062M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
More results

Similar Description - SLA7062M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SLA7062 ALLEGRO-SLA7062 Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7060M ALLEGRO-SLA7060M Datasheet
398Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7052M ALLEGRO-SLA7052M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7050M ALLEGRO-SLA7050M Datasheet
350Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7051M ALLEGRO-SLA7051M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
5804 ALLEGRO-5804 Datasheet
154Kb / 8P
   BiMOS II UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVER
SLA7024M ALLEGRO-SLA7024M Datasheet
137Kb / 12P
   HIGH-CURRENT PWM, UNIPOLAR STEPPER MOTOR CONTROLLER/DRIVERS
logo
List of Unclassifed Man...
EDE1200 ETC1-EDE1200 Datasheet
222Kb / 6P
   Unipolar Stepper Motor IC
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
   Unipolar Stepper Motor Driver
logo
Siemens Semiconductor G...
TCA1560B SIEMENS-TCA1560B Datasheet
659Kb / 19P
   STEPPER MOTOR DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com