Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL-2400 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part No. HCPL-2400
Description  Option 060 for Plastic Optocoupler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-2400 Datasheet(HTML) 3 Page - Broadcom Corporation.

  HCPL-2400 Datasheet HTML 1Page - Broadcom Corporation. HCPL-2400 Datasheet HTML 2Page - Broadcom Corporation. HCPL-2400 Datasheet HTML 3Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IEC/EN/DIN EN60747-5-2 Insulation Related Characteristics (Option 060)
Standard 8 Pin DIP Package
*85°C: HCPL-2211, HCPL-2212, HCPL-2219, HCPL-2300, HCPL-2400, HCPL-2611, HCPL-261A, HCPL-261N, HCPL-4701,
HCPL-7840.
**100°C: HCPL-3120, HCPL-3150, HCPL-4503, HCPL-4504, HCPL-4506.
SO8 Package
*85°C: HCPL-0211, HCPL-0611, HCPL-061A, HCPL-061N, HCPL-070A.
**100°C: HCPL-0454, HCPL-0466.
Description
Symbol
Std. 8 Pin DIP
SO8
Units
Installation classification per DIN VDE 0110/1.89,
Table 1
for rated mains voltage £ 150 V rms
for rated mains voltage £ 300 V rms
for rated mains voltage £ 450 V rms
I-IV
I-IV
I-III
I-IV
I-III
Climatic Classification
55/85/21*
55/100/21**
55/85/21*
55/100/21**
Pollution Degree (DIN VDE 0110/1.89)
2
2
Maximum Working Insulation Voltage
VIORM
630
560
V peak
Input to Output Test Voltage, Method b†
VIORM x 1.875 = VPR, 100% Production
Test with tm = 1 sec, Partial Discharge < 5 pC
VPR
1181
1050
V peak
Input to Output Test Voltage, Method a†
VIORM x 1.5 = VPR, Type and Sample Test,
tm = 60 sec, Partial Discharge < 5 pC
VPR
945
840
V peak
Highest Allowable Over voltage †
(Transient Overvoltage, tini = 10 sec)
VIOTM
6000
4000
V peak
Safety Limiting Values
(Maximum values allowed in the event of a failure,
also see Thermal Derating curve, Figure 1.)
Case Temperature
Input Current
Output Power
TS
IS,INPUT
PS,OUTPUT
175
230
600
150
150
600
oC
mA
mW
Insulation Resistance at TS, V10 = 500 V
RIO
109
109
W
†Refer to the front of the optocoupler section of the Isolation and Control Component Designer’s Catalog, under Product Safety
Regulations section (IEC/EN/DIN EN60747-5-2), for a detailed description.
Note: These optocouplers are suitable for “safe electrical isolation” only within the safety limit data. Maintenance of the safety data
shall be ensured by means of protective circuits.
Note: The surface mount classification is Class A in accordance with CECC 00802.
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2012 Avago Technologies. All rights reserved. Obsoletes 5989-1058EN
AV02-3614EN - June 12, 2012


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn