Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0934443108 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0934443108
Description  ML-XT Sealed 4 Circuit Receptacle Housing, Pre-Assembled with Small Rear Seal and Cover, Orange
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0934443108 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0934443108 Datasheet HTML 1Page - Molex Electronics Ltd. 0934443108 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/19/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0934443108
Status:
Active
Overview:
ML-XT Sealed Connection System
Description:
ML-XT Sealed 4 Circuit Receptacle Housing, Pre-Assembled with Small Rear Seal and
Cover, Orange
Documents:
Drawing (PDF)
Packaging Specification 934430002-K (PDF)
Product Specification 934430010-P (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification 934430010-A (PDF)
Product Literature (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
93444
Application
Power, Signal, Wire-to-Wire
Application Tooling Part Link
63824-5300
Overview
ML-XT Sealed Connection System
Product Literature Order No
987651-0201
Product Name
ML-XT
UPC
889056258937
Physical
Circuits (maximum)
4
Color - Resin
Orange
Gender
Receptacle
Glow-Wire Capable
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
7.820/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
N/A
Polarized to Mating Part
Yes
Temperature Range - Operating
-55°C to +125°C
Electrical
Current - Maximum per Contact
13.0A
Material Info
Reference - Drawing Numbers
Application Specification
934430010-A
Packaging Specification
934430002-K
Product Specification
934430010-P
Sales Drawing
934430030-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2018 (15
January 2018)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
93444 Series
Mates With
ML-XT Sealed 4 Circuit Plug Housing
93445-3108
Use With
ML-XT Male (Pin) Terminal 84524-0004
(Nickel), ML-XT Male (Pin) Terminal
84524-0014 (Selective Gold), ML-XT 4
Circuit Receptacle Wedgelock 93447 , ML-
XT Blind Cavity Plug 93494-1000
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.


Similar Part No. - 0934443108

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0934443101 MOLEX1-0934443101 Datasheet
49Kb / 2P
   ML-XT Sealed 4 Circuit Receptacle Housing, Pre-Assembled with Small Rear Seal and Cover, Black
0934443102 MOLEX1-0934443102 Datasheet
40Kb / 2P
   ML-XT Sealed 4 Circuit Receptacle Housing, Pre-Assembled with Small Rear Seal and Cover, Grey
0934443103 MOLEX1-0934443103 Datasheet
45Kb / 2P
   ML-XT Sealed 4 Circuit Receptacle Housing, Pre-Assembled with Small Rear Seal and Cover, Green
0934443104 MOLEX1-0934443104 Datasheet
47Kb / 2P
   ML-XT Sealed 4 Circuit Receptacle Housing, Pre-Assembled with Small Rear Seal and Cover, Blue
0934443105 MOLEX1-0934443105 Datasheet
43Kb / 2P
   ML-XT Sealed 4 Circuit Receptacle Housing, Pre-Assembled with Small Rear Seal and Cover, Yellow
More results

Similar Description - 0934443108

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0934444108 MOLEX1-0934444108 Datasheet
47Kb / 2P
   ML-XT Sealed 6 Circuit Receptacle Housing, Pre-Assembled with Small Rear Seal and Cover, Orange
0934453108 MOLEX1-0934453108 Datasheet
47Kb / 2P
   ML-XT Sealed 4 Circuit Plug Housing, Pre-Assembled with Small Rear Seal and Cover, Orange
0934443508 MOLEX1-0934443508 Datasheet
47Kb / 2P
   ML-XT Sealed 4 Circuit Receptacle Housing with Heatshrink, Pre-Assembled with Small Rear Seal and Cover, Orange
0934443208 MOLEX1-0934443208 Datasheet
45Kb / 2P
   ML-XT Sealed 4 Circuit Receptacle Housing, Pre-Assembled with Large Rear Seal and Cover, Orange
0934454108 MOLEX1-0934454108 Datasheet
60Kb / 2P
   ML-XT Sealed 6 Circuit Plug Housing, Pre-Assembled with Small Rear Seal and Cover, Orange
0934451108 MOLEX1-0934451108 Datasheet
47Kb / 2P
   ML-XT Sealed 2 Circuit Plug Housing, Pre-Assembled with Small Rear Seal and Cover, Orange
0934443102 MOLEX1-0934443102 Datasheet
40Kb / 2P
   ML-XT Sealed 4 Circuit Receptacle Housing, Pre-Assembled with Small Rear Seal and Cover, Grey
0934443109 MOLEX1-0934443109 Datasheet
46Kb / 2P
   ML-XT Sealed 4 Circuit Receptacle Housing, Pre-Assembled with Small Rear Seal and Cover, Red
0934443103 MOLEX1-0934443103 Datasheet
45Kb / 2P
   ML-XT Sealed 4 Circuit Receptacle Housing, Pre-Assembled with Small Rear Seal and Cover, Green
0934443105 MOLEX1-0934443105 Datasheet
43Kb / 2P
   ML-XT Sealed 4 Circuit Receptacle Housing, Pre-Assembled with Small Rear Seal and Cover, Yellow
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com