Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2500A01-D0 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S1D2500A01-D0
Description  I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2500A01-D0 Datasheet(HTML) 5 Page - Samsung semiconductor

  S1D2500A01-D0 Datasheet HTML 1Page - Samsung semiconductor S1D2500A01-D0 Datasheet HTML 2Page - Samsung semiconductor S1D2500A01-D0 Datasheet HTML 3Page - Samsung semiconductor S1D2500A01-D0 Datasheet HTML 4Page - Samsung semiconductor S1D2500A01-D0 Datasheet HTML 5Page - Samsung semiconductor S1D2500A01-D0 Datasheet HTML 6Page - Samsung semiconductor S1D2500A01-D0 Datasheet HTML 7Page - Samsung semiconductor S1D2500A01-D0 Datasheet HTML 8Page - Samsung semiconductor S1D2500A01-D0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2500A01
5
PIN DESCRIPTION
Table 2. Pin Description
Pin No
Pin Name
Schematic
Description
1
2
3
Red OSD Input
(ROSD)
Green OSD Input
(GOSD)
Blue OSD Input
(BOSD)
OSD input signals are in TTL
level and will be connected to
ground when switching to
video input
4
Video/OSD Switch
(VI/OSD_SW)
Video/OSD switch signal is
TTL level
PIN4 = “high”, OSD input
PIN4 = “Low”, video input
5
8
10
Red Video Input
(RIN)
Green Video Input
(GIN)
Blue Video Input
(BIN)
MAX input video signal is
0.7 Vpp
6
9
VCC1
VCC2
-
Supply voltage
(except drive part)
VCC
PIN 1
1.29/
1.02V
1.16/
0.90V
VCC
6V
PIN 4
PIN 5
VCC


Similar Part No. - S1D2500A01-D0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2500A SAMSUNG-S1D2500A Datasheet
239Kb / 14P
   WIDE BAND ANALOG SWITCH FOR MONITORS
More results

Similar Description - S1D2500A01-D0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2504A01 SAMSUNG-S1D2504A01 Datasheet
887Kb / 23P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
KA2504 SAMSUNG-KA2504 Datasheet
889Kb / 23P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2506A01-D0B1 SAMSUNG-S1D2506A01-D0B1 Datasheet
267Kb / 26P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2500 SAMSUNG-KA2500 Datasheet
276Kb / 28P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2506-01 SAMSUNG-KA2506-01 Datasheet
271Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2503X01-D0B0 SAMSUNG-S1D2503X01-D0B0 Datasheet
269Kb / 26P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2141 SAMSUNG-KA2141 Datasheet
116Kb / 15P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2141X01 SAMSUNG-S1D2141X01 Datasheet
110Kb / 14P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com