Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RMLA3565A-58 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. RMLA3565A-58
Description  Wideband Low Noise MMIC Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

RMLA3565A-58 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Raytheon RF Components
362 Lowell Street
Andover, MA 01810
Revised March 28, 2002
Page 2
www.raytheonrf.com
Characteristic performance data and specifications are subject to change without notice.
PRODUCT INFORMATION
CAUTION: THIS IS AN ESD SENSITIVE DEVICE
The following briefly describes a procedure for evaluating the high efficiency PHEMT amplifier packaged in a
surface mount package. It may be noted that the chip is a fully monolithic single ended two stage amplifier for 3.5
to 6.5 GHz applications.
Test Fixture
Figure 1 shows the outline and pin-out descriptions for the packaged device. Figure 2 shows the functional block
diagram of the packaged product. A typical test fixture schematic showing external bias components is shown in
Figure 3. Figure 4 shows typical layout of an evaluation board corresponding to the schematic diagram. Typical
performance of the test fixture is shown in the performance data section. The following should be noted:
(1) Package pin designations are shown in figure 1.
(2) Vd is the drain voltage (positive) applied at the pins of the package.
(3) Vdd is the positive supply voltage at the evaluation board terminal.
Application
Information
RMLA3565A-58
Wideband Low Noise MMIC Amplifier
Figure 1
Package Outline and
Pin Designations
Dimensions in inches
Figure 2
Functional Block
Diagram
Pin#
Description
1N/C
2
RF Out
3
GND
4
N/C
5
GND
6
N/C
7
GND
8
RF In
9
N/C
10
N/C
11
N/C
12
Vd
13
GND
(Package Base)
PLASTIC LID
SIDE SECTION
0.075 MAX.
0.008
1
2
3
5
46
7
9
8
10
12 11
0.041
1
3
0.200 SQ.
TOP VIEW
TOP VIEW
BOTTOM VIEW
54
6
7
9
8
10
12
11
0.030
0.015
0.282
2
0.015
0.020
0.011
RF OUT
Pin# 2
N/C
1,4,6,9,10,11
(Recommend grounding
externally to PC board)
Vd
Pin# 12
Ground
Pin# 5
Ground
Pins# 3,5,7,13
RF IN
Pin# 8
Ground
Pin# 7


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RMLA3565-58Wideband Low Noise MMIC Amplifier 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RMLA3565CWideband Low Noise MMIC Amplifier 1 2 3 4 5 Fairchild Semiconductor
BGA622Silicon Germanium Wide Band Low Noise Amplifier 1 2 3 4 5 MoreInfineon Technologies AG
HMC460GaAs PHEMT MMIC LOW NOISE AMPLIFIER DC - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC282GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
FMM5701X24GHz Low Noise Amplifier MMIC 1 2 3 4 Fujitsu Component Limited.
THS4508WIDEBAND LOW NOISE LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER 1 2 3 4 5 MoreTexas Instruments
HA-5221883Low Noise Wideband Precision Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
FMM5709XK/Ka Band Low Noise Amplifier MMIC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HMC318MS8GGaAs MMIC LOW NOISE AMPLIFIER with AGC 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn