Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM5238 Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # BCM5238
Description  10/100BASE-TX Octal Transceiver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5238 Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button BCM5238 Datasheet HTML 4Page - Broadcom Corporation. BCM5238 Datasheet HTML 5Page - Broadcom Corporation. BCM5238 Datasheet HTML 6Page - Broadcom Corporation. BCM5238 Datasheet HTML 7Page - Broadcom Corporation. BCM5238 Datasheet HTML 8Page - Broadcom Corporation. BCM5238 Datasheet HTML 9Page - Broadcom Corporation. BCM5238 Datasheet HTML 10Page - Broadcom Corporation. BCM5238 Datasheet HTML 11Page - Broadcom Corporation. BCM5238 Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
BCM5238
Advance Data Sheet
1/31/03
Broa d c om Co rp o r a t i o n
Page vi
Document
5238-DS03-405-R
Table 33: Interrupt Register (Address 26d, 1Ah) .............................................................................................. 44
Table 34: Auxiliary Mode 2 Register (Address 27d, 1Bh) ................................................................................. 45
Table 35: 10BASE-T Auxiliary Error and General Status Register (Address 28d, 1Ch) ................................... 46
Table 36: Auxiliary Mode Register (Address 29d, 1Dh) .................................................................................... 47
Table 37: Auxiliary Multiple PHY Register (Address 30d, 1Eh) ........................................................................ 48
Table 38: Broadcom Test Register (Address 31d, 1Fh) ................................................................................... 49
Table 39: Auxiliary Mode 4 (PHY 1 of 8) Register (Shadow Register 26d, 1Ah) .............................................. 50
Table 40: Auxiliary Mode 4 (PHY 2 of 8) Register (Shadow Register 26d, 1Ah) .............................................. 50
Table 41: Auxiliary Mode 4 (PHY 3 of 8) Register (Shadow Register 26d, 1Ah) .............................................. 51
Table 42: Auxiliary Mode 4 (PHY 4 of 8) Register (Shadow Register 26d, 1Ah) .............................................. 52
Table 43: Auxiliary Mode 4 (PHY 5 of 8) Register (Shadow Register 26d, 1Ah) .............................................. 52
Table 44: Auxiliary Mode 4 (PHY 6 of 8) Register (Shadow Register 26d, 1Ah) .............................................. 53
Table 45: Auxiliary Mode 4 (PHY 7 of 8) Register (Shadow Register 26d, 1Ah) .............................................. 53
Table 46: Auxiliary Mode 4 (PHY 8 of 8) Register (Shadow Register 26d, 1Ah) .............................................. 54
Table 47: Auxiliary Status 2 Register (Shadow Register 27d, 1Bh).................................................................. 54
Table 48: 100-TX Port Cable Length ................................................................................................................ 54
Table 49: Auxiliary Status 3 Register (Shadow Register 28d, 1Ch).................................................................. 55
Table 50: Auxiliary Mode 3 Register (Shadow Register 29d, 1Dh)................................................................... 56
Table 51: Current Receive FIFO Size ............................................................................................................... 56
Table 52: Auxiliary Status 4 Register (Shadow Register 30d, 1Eh).................................................................. 56
Table 53: Clock Timing .....................................................................................................................................57
Table 54: Reset Timing .....................................................................................................................................57
Table 55: SMII Timing ....................................................................................................................................... 58
Table 56: Auto-negotiation Timing .................................................................................................................... 58
Table 57: LED Timing ....................................................................................................................................... 58
Table 58: MII Management Data interface Timing ............................................................................................ 58
Table 59: Absolute Maximum Ratings .............................................................................................................. 60
Table 60: Recommended Operating Conditions ...............................................................................................60
Table 61: Electrical Characteristics...................................................................................................................60
Table 62: ThetaJA vs. Airflow for the BCM5238B Package ..............................................................................64
Table 63: ThetaJA vs. Airflow for the BCM5238U Package ..............................................................................64


Similar Part No. - BCM5238

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5238 BOARDCOM-BCM5238 Datasheet
165Kb / 1P
   10/100BASE TX OCTAL TRANSCEIVER
BCM5238 BOARDCOM-BCM5238 Datasheet
206Kb / 2P
   STRATAXGS BCM5650 INTEGRATED MULTI-LAYER SWITCH
BCM5238 BOARDCOM-BCM5238 Datasheet
143Kb / 2P
   10/100BASE-TX OCTAL-過 TRANSCEIVER
BCM5238 BOARDCOM-BCM5238_04 Datasheet
143Kb / 2P
   10/100BASE-TX OCTAL-過 TRANSCEIVER
More results

Similar Description - BCM5238

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5238 BOARDCOM-BCM5238 Datasheet
165Kb / 1P
   10/100BASE TX OCTAL TRANSCEIVER
BCM5228 BOARDCOM-BCM5228_05 Datasheet
1Mb / 100P
   10/100BASE-TX/FX Octal Transceiver
BCM5248 BOARDCOM-BCM5248 Datasheet
213Kb / 2P
   10/100BASE-TX OCTAL-過 TRANSCEIVER
BCM5238 BOARDCOM-BCM5238_04 Datasheet
143Kb / 2P
   10/100BASE-TX OCTAL-過 TRANSCEIVER
BCM5248XA2KFBG BOARDCOM-BCM5248XA2KFBG Datasheet
214Kb / 2P
   10/100BASE-TX OCTAL-過??TRANSCEIVER
BCM5227 BOARDCOM-BCM5227 Datasheet
1Mb / 82P
   10/100BASE-TX/FX Octal Transceiver
logo
Teridian Semiconductor ...
78Q2120C TERIDIAN-78Q2120C Datasheet
594Kb / 35P
   10/100BASE-TX Transceiver
78Q2123 TERIDIAN-78Q2123 Datasheet
737Kb / 42P
   10/100BASE-TX Transceiver
logo
Realtek Semiconductor C...
RTL8208B-LF REALTEK-RTL8208B-LF Datasheet
1Mb / 65P
   SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
logo
List of Unclassifed Man...
78Q2120-64 ETC-78Q2120-64 Datasheet
200Kb / 33P
   10/100BASE-TX Ethernet Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com