Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM5238 Datasheet(PDF) 46 Page - Broadcom Corporation.

Part # BCM5238
Description  10/100BASE-TX Octal Transceiver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5238 Datasheet(HTML) 46 Page - Broadcom Corporation.

Back Button BCM5238 Datasheet HTML 42Page - Broadcom Corporation. BCM5238 Datasheet HTML 43Page - Broadcom Corporation. BCM5238 Datasheet HTML 44Page - Broadcom Corporation. BCM5238 Datasheet HTML 45Page - Broadcom Corporation. BCM5238 Datasheet HTML 46Page - Broadcom Corporation. BCM5238 Datasheet HTML 47Page - Broadcom Corporation. BCM5238 Datasheet HTML 48Page - Broadcom Corporation. BCM5238 Datasheet HTML 49Page - Broadcom Corporation. BCM5238 Datasheet HTML 50Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
BCM5238
Advance Data Sheet
1/31/03
Broa d c om Co rp o r a t i o n
Page 38
100BASE-X Auxiliary Status Register
Document
5238-DS03-405-R
100BASE-X AUXILIARY STATUS REGISTER
SMII Overrun/Underrun Error. The PHY returns a 1 in bit 11, when the SMII receive FIFO encounters an overrun or
underrun condition.
Locked. The PHY returns a 1 in bit 9 when the de-scrambler is locked to the incoming data stream. Otherwise, it returns a 0.
Current 100BASE-X Link Status. The PHY returns a 1 in bit 8 when the 100BASE-X link status is good. Otherwise, it
returns a 0.
Remote Fault. The PHY returns a 1 while its link partner is signalling a far-end fault condition. Otherwise, it returns a 0.
False Carrier Detected. The PHY returns a 1 in bit 5 of the extended status register if a false carrier has been detected
since the last time this register was read. Otherwise, it returns a 0.
Bad ESD Detected. The PHY returns a 1 in bit 4 if an end-of-stream delimiter error has been detected since the last time
this register was read. Otherwise, it returns a 0.
Receive Error Detected. The PHY returns a 1 in bit 3 if a packet was received with an invalid code since the last time this
register was read. Otherwise, it returns a 0.
Table 27: 100BASE-X Auxiliary Status Register (Address 17d, 11h)
Bit
Name
R/W
Description
Default
15:12
Reserveda
a. When writing to this register, preserve existing values of reserved bits by completing a Read/Modify Write.
––
0
11
SMII Overrun/Underrun
Detected
RO
1 = Error detected
0 = No error
0
10
Reserveda
––
PIN
9
Locked
RO
1 = Descrambler locked
0 = Descrambler unlocked
0
8
Current 100BASE-X
Link Status
RO
1 = Link pass
0 = Link fail
0
7
Remote Fault
RO
1 = Remote fault detected
0 = No remote fault detected
0
6
Reserveda
––
0
5
False Carrier Detected
RO
LH
1 = False carrier detected since last read
0 = No false carrier since last read
0
4
Bad ESD Detected
RO
LH
1 = ESD error detected since last read
0 = No ESD error since last read
0
3
Receive Error Detected
RO
LH
1 = Receive error detected since last read
0 = No receive error since last read
0
2
Transmit Error Detected
RO
LH
1 = Transmit error code received since last read
0 = No transmit error code received since last read
0
1
Lock Error Detected
RO
LH
1 = Lock error detected since last read
0 = No lock error since last read
0
0
MLT3 Code Error Detected
RO
LH
1 = MLT3 code error detected since last read
0 = No MLT3 code error since last read
0
Note: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL and LH Clear
after read operation. Use default values of reserved bit(s) when writing to reserved bit(s).


Similar Part No. - BCM5238

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5238 BOARDCOM-BCM5238 Datasheet
165Kb / 1P
   10/100BASE TX OCTAL TRANSCEIVER
BCM5238 BOARDCOM-BCM5238 Datasheet
206Kb / 2P
   STRATAXGS BCM5650 INTEGRATED MULTI-LAYER SWITCH
BCM5238 BOARDCOM-BCM5238 Datasheet
143Kb / 2P
   10/100BASE-TX OCTAL-過 TRANSCEIVER
BCM5238 BOARDCOM-BCM5238_04 Datasheet
143Kb / 2P
   10/100BASE-TX OCTAL-過 TRANSCEIVER
More results

Similar Description - BCM5238

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5238 BOARDCOM-BCM5238 Datasheet
165Kb / 1P
   10/100BASE TX OCTAL TRANSCEIVER
BCM5228 BOARDCOM-BCM5228_05 Datasheet
1Mb / 100P
   10/100BASE-TX/FX Octal Transceiver
BCM5248 BOARDCOM-BCM5248 Datasheet
213Kb / 2P
   10/100BASE-TX OCTAL-過 TRANSCEIVER
BCM5238 BOARDCOM-BCM5238_04 Datasheet
143Kb / 2P
   10/100BASE-TX OCTAL-過 TRANSCEIVER
BCM5248XA2KFBG BOARDCOM-BCM5248XA2KFBG Datasheet
214Kb / 2P
   10/100BASE-TX OCTAL-過??TRANSCEIVER
BCM5227 BOARDCOM-BCM5227 Datasheet
1Mb / 82P
   10/100BASE-TX/FX Octal Transceiver
logo
Teridian Semiconductor ...
78Q2120C TERIDIAN-78Q2120C Datasheet
594Kb / 35P
   10/100BASE-TX Transceiver
78Q2123 TERIDIAN-78Q2123 Datasheet
737Kb / 42P
   10/100BASE-TX Transceiver
logo
Realtek Semiconductor C...
RTL8208B-LF REALTEK-RTL8208B-LF Datasheet
1Mb / 65P
   SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
logo
List of Unclassifed Man...
78Q2120-64 ETC-78Q2120-64 Datasheet
200Kb / 33P
   10/100BASE-TX Ethernet Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com