Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM5238 Datasheet(PDF) 41 Page - Broadcom Corporation.

Part # BCM5238
Description  10/100BASE-TX Octal Transceiver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5238 Datasheet(HTML) 41 Page - Broadcom Corporation.

Back Button BCM5238_05 Datasheet HTML 37Page - Broadcom Corporation. BCM5238_05 Datasheet HTML 38Page - Broadcom Corporation. BCM5238_05 Datasheet HTML 39Page - Broadcom Corporation. BCM5238_05 Datasheet HTML 40Page - Broadcom Corporation. BCM5238_05 Datasheet HTML 41Page - Broadcom Corporation. BCM5238_05 Datasheet HTML 42Page - Broadcom Corporation. BCM5238_05 Datasheet HTML 43Page - Broadcom Corporation. BCM5238_05 Datasheet HTML 44Page - Broadcom Corporation. BCM5238_05 Datasheet HTML 45Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
Advance Data Sheet
BCM5238
1/31/03
Broa d c om Co rp o r a t i o n
Document
5238-DS03-405-R
Auto-Negotiation Advertisement Register
Page 33
AUTO-NEGOTIATION LINK PARTNER (LP) ABILITY REGISTER
Note that the values contained in the Auto-Negotiation Link Partner Ability Register are only guaranteed to be valid once
auto-negotiation has successfully completed, as indicated by bit 5 of the MII Status Register.
LP Next Page. Bit 15 of the Link Partner Ability register returns a value of 1 when the link partner implements the Next Page
function and has Next Page information that it wants to transmit. The BCM5248 does not implement the Next Page function,
and thus ignores the Next Page bit, except to copy it to this register.
LP Acknowledge. Bit 14 of the Link Partner Ability register is used by auto-negotiation to indicate that a device has
successfully received its link partner’s link code word.
LP Remote Fault. Bit 13 of the Link Partner Ability register returns a value of 1 when the link partner signals that a remote
fault has occurred. The BCM5248 simply copies the value to this register and does not act upon it.
Reserved Bits. Ignore when read.
LP Advertise Pause. Indicates that the link partner pause bit is set.
LP Advertise Bits. Bits 9:5 of the Link Partner Ability register reflect the abilities of the link partner. A 1 on any of these bits
indicates that the link partner is capable of performing the corresponding mode of operation. Bits 9:5 are cleared any time
auto-negotiation is restarted or the BCM5238 is reset.
LP Selector Field. Bits 4:0 of the Link Partner Ability register reflect the value of the link partner’s selector field. These bits
are cleared any time auto-negotiation is restarted or the chip is reset.
Table 22: Auto-Negotiation Link Partner Ability Register (Address 05d, 05h)
Bit
Name
R/W
Description
Default
15
LP Next Page
RO
Link partner Next Page bit
0
14
LP Acknowledge
RO
Link partner acknowledge bit
0
13
LP Remote Fault
RO
Link partner remote fault indicator
0
12:11
Reserved Technologies
RO
Ignore when read
000
10
LP Advertise Pause
RO
Link partner has pause capability
0
9
LP Advertise 100BASE-T4
RO
Link partner has 100BASE-T4 capability
0
8
LP Advertise 100BASE-X FDX
RO
Link partner has 100BASE-X FDX capability
0
7
LP Advertise 100BASE-X
RO
Link partner has 100BASE-X capability
0
6
LP Advertise 10BASE-T FDX
RO
Link partner has 10BASE-T FDX capability
0
5
LP Advertise 10BASE-T
RO
Link partner has 10BASE-T capability
0
4:0
Link Partner Selector Field
RO
Link partner selector field
00000
Note: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL and LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s).


Similar Part No. - BCM5238_05

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5238 BOARDCOM-BCM5238_04 Datasheet
143Kb / 2P
   10/100BASE-TX OCTAL-過 TRANSCEIVER
More results

Similar Description - BCM5238_05

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5238 BOARDCOM-BCM5238 Datasheet
165Kb / 1P
   10/100BASE TX OCTAL TRANSCEIVER
BCM5228 BOARDCOM-BCM5228_05 Datasheet
1Mb / 100P
   10/100BASE-TX/FX Octal Transceiver
BCM5248 BOARDCOM-BCM5248 Datasheet
213Kb / 2P
   10/100BASE-TX OCTAL-過 TRANSCEIVER
BCM5238 BOARDCOM-BCM5238_04 Datasheet
143Kb / 2P
   10/100BASE-TX OCTAL-過 TRANSCEIVER
BCM5248XA2KFBG BOARDCOM-BCM5248XA2KFBG Datasheet
214Kb / 2P
   10/100BASE-TX OCTAL-過??TRANSCEIVER
BCM5227 BOARDCOM-BCM5227 Datasheet
1Mb / 82P
   10/100BASE-TX/FX Octal Transceiver
logo
Teridian Semiconductor ...
78Q2120C TERIDIAN-78Q2120C Datasheet
594Kb / 35P
   10/100BASE-TX Transceiver
78Q2123 TERIDIAN-78Q2123 Datasheet
737Kb / 42P
   10/100BASE-TX Transceiver
logo
Realtek Semiconductor C...
RTL8208B-LF REALTEK-RTL8208B-LF Datasheet
1Mb / 65P
   SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
logo
List of Unclassifed Man...
78Q2120-64 ETC-78Q2120-64 Datasheet
200Kb / 33P
   10/100BASE-TX Ethernet Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com