Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM5228 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM5228
Description  10/100BASE-TX/FX Octal Transceiver
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5228 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM5228 Datasheet HTML 1Page - Broadcom Corporation. BCM5228 Datasheet HTML 2Page - Broadcom Corporation. BCM5228 Datasheet HTML 3Page - Broadcom Corporation. BCM5228 Datasheet HTML 4Page - Broadcom Corporation. BCM5228 Datasheet HTML 5Page - Broadcom Corporation. BCM5228 Datasheet HTML 6Page - Broadcom Corporation. BCM5228 Datasheet HTML 7Page - Broadcom Corporation. BCM5228 Datasheet HTML 8Page - Broadcom Corporation. BCM5228 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
5228-DS09-405-R
16215 Alton Parkway • P.O. Box 57013 • Irvine, CA 92619-7013 • Phone: 949-450-8700 • Fax: 949-450-8710
7/12/04
Data Sheet
BCM5228
10/100BASE-TX/FX Octal-
Φ™ Transceiver
Figure 1: Functional Block Diagram
G EN ER AL DE SC RI PTI O N
F EA TU RE S
The BCM5228 is an octal 10 /100BASE-TX/FX
transceiver targeted at Fast Ethernet switches. The
device contains eight full-duplex 10BASE-T/100BASE-
TX/FX Fast Ethernet transceivers, each of which
perform all of the physical layer interface functions for
10BASE-T Ethernet on Category 3, 4, or 5 unshielded
twisted-pair (UTP) cable and 100BASE-TX Fast
Ethernet on Category 5 UTP cable. The 100BASE-FX is
supported at each port through the use of external fiber-
optic transmit and receive devices.
The BCM5228 is a highly integrated solution combining
digital adaptive equalizers, ADCs, phase locked loops,
line drivers, encoders, decoders, and the required
support circuitry into a single monolithic CMOS chip. The
BCM5228 complies with the IEEE 802.3 specification,
including the auto-negotiation subsections.
The effective use of digital technology in the BCM5228
design results in robust performance over a broad range
of operating scenarios. Problems inherent to mixed-
signal implementations (such as analog offset and on-
chip noise) are eliminated by employing field-proven
digital adaptive equalization and digital clock recovery
techniques.
10BASE-T/100BASE-TX/FX IEEE 802.3u compliant
Single-chip octal physical interface-RMII to magnetics
Reduced Media Independent Interface (RMII)
Option-Serial Media Independent Interface (SMII)
Option-Source Synchronous SMII (S3MII)
Fully integrated digital adaptive equalizers
125-MHz clock generator and timing recovery
On-chip multimode transmit waveshaping
Edge-rate control eliminates external filters
Integrated baseline wander correction
HP Auto-MDIX
Cable length indication
Cable noise level indication
IEEE 802.3
υ-compliant auto-negotiation
Shared MII management interface up to 25 Mbps
Serial LED status pins
Programmable parallel LED pins
Interrupt output capability
Loopback mode for diagnostics
IEEE 1149.1 (JTAG) and NAND chain ICT support
Low-power, dual-supply 2.5V/3.3V CMOS technology
Compatible with 2.5V/3.3V I/O
208-pin PQFP and 256-pin FPBGA packages
A PP LIC AT I O NS
Fast Ethernet switches
MII
MII
Equalizer
Auto-Negotiation
LED/INT
Clock
Bias
Registers
Mgmt
Control
Correction
/Link Integrity
Generator
Generator
Wander
Baseline
8
RXD{1:8}
MDC
MDIO
MODES/CONTROLS
TD± {1:8}
RD± {1:8}
REF_CLK
Recovery
Xmt DAC
CRS/Link
Detection
ADC
LED2{1:8}
SSSMII_DIS/SLED_CLK
Multimode
JTAG
Test Logic
5
JTAG
Digital
Adaptive
10BASE-T
PCS
100BASE-X
PCS
Drivers
Clock
13
8
INTR/SLED_DO
LED1{1:8}
8
8
TXD{1:8}
RDAC
SSYNC
SSSMII_TXC
SSSMII_RSYNC
Auto-
MDIX
SSSMII_RXC


Similar Part No. - BCM5228

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5228 BOARDCOM-BCM5228 Datasheet
157Kb / 1P
   10/100 BASE - TX/FX OCTAL TRANSCEIVER
BCM5228 BOARDCOM-BCM5228 Datasheet
122Kb / 2P
   10/100BASE-TX DUAL-PORT DIGI-PHY TRANSCEIVER
BCM5228 BOARDCOM-BCM5228 Datasheet
130Kb / 2P
   10/100BASE-TX/FX HEX-過 TRANSCEIVER
BCM5228 BOARDCOM-BCM5228_04 Datasheet
130Kb / 2P
   10/100BASE-TX/FX HEX-過 TRANSCEIVER
More results

Similar Description - BCM5228

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5227 BOARDCOM-BCM5227 Datasheet
1Mb / 82P
   10/100BASE-TX/FX Octal Transceiver
logo
Realtek Semiconductor C...
RTL8208B-LF REALTEK-RTL8208B-LF Datasheet
1Mb / 65P
   SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
logo
Broadcom Corporation.
BCM5220 BOARDCOM-BCM5220_05 Datasheet
1Mb / 90P
   10/100BASE-TX/FX Mini Transceiver
BCM5238 BOARDCOM-BCM5238_05 Datasheet
933Kb / 76P
   10/100BASE-TX Octal Transceiver
BCM5226 BOARDCOM-BCM5226_04 Datasheet
140Kb / 2P
   10/100BASE-TX/FX HEX-過 TRANSCEIVER
BCM5221KPB BOARDCOM-BCM5221KPB Datasheet
189Kb / 2P
   10/100BASE-TX/FX Mini-過??Transceiver
BCM5221A4KPTG BOARDCOM-BCM5221A4KPTG Datasheet
208Kb / 2P
   10/100BASE-TX/FX Mini-過??Transceiver
BCM5221A4KMLG BOARDCOM-BCM5221A4KMLG Datasheet
189Kb / 2P
   10/100BASE-TX/FX Mini-過??Transceiver
BCM5238 BOARDCOM-BCM5238 Datasheet
165Kb / 1P
   10/100BASE TX OCTAL TRANSCEIVER
BCM5221 BOARDCOM-BCM5221_07 Datasheet
281Kb / 2P
   10/100BASE-TX/FX Mini-過 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com