Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74AVC16835K Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74AVC16835K
Description  18-Bit Universal Bus Driver with 3-State Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC16835K Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74AVC16835K Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC16835K Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC16835K Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC16835K Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC16835K Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC16835K Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC16835K Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC16835K Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC16835K Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PS8373D
08/03/99
PI74AVC16835
18-Bit Universal Bus Driver
w/3-State Outputs
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
s
t
u
p
n
I
Y
s
t
u
p
t
u
O
E
OE
LK
L
CA
H
XXX
Z
LH
X
L
L
LH
X
H
H
LL
LL
LL
HH
LL
H
X
o
Y )2
(
LLL
X
o
Y )3
(
Pin Name
Description
OE
Output Enable Input (Active LOW)
LE
Latch Enable
CLK
Clock Input
A
Data Input
Y
Data Output
GND
Ground
VCC
Power
Product Pin Description
Truth Table(1)
Note:
1
H = High Signal Level
L = Low Signal Level
Z = High Impedance
↑ = Transition LOW-to-HIGH
X = Irrelevant
2. Output level before the indicated steady-state input
conditions were established, provided that CLK is HIGH
before LE goes LOW.
3. Output level before the indicated steady-state input
conditions were established.
Logic Block Diagram
TO 17 OTHER CHANNELS
CLK
LE
A1
54
28
30
OE
27
1D
C1
CLK
Y1
3


Similar Part No. - PI74AVC16835K

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AVC16834 PERICOM-PI74AVC16834 Datasheet
373Kb / 9P
   18-Bit Universal Bus Driver with 3-State Outputs
PI74AVC16836 PERICOM-PI74AVC16836 Datasheet
102Kb / 9P
   2.5V 20-Bit Universal Bus Driver with 3-State Outputs
More results

Similar Description - PI74AVC16835K

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16834 TI-SN74ALVC16834 Datasheet
149Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162835 TI-SN74ALVCH162835 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16834 TI-SN74AVC16834 Datasheet
179Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hynix Semiconductor
HG74ALVC16835C HYNIX-HG74ALVC16835C Datasheet
135Kb / 7P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AVC16835 TI1-SN74AVC16835_08 Datasheet
429Kb / 17P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16835 TI-SN74ALVC16835_07 Datasheet
496Kb / 18P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVC162835 RENESAS-HD74ALVC162835 Datasheet
241Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Hynix Semiconductor
HG74ALVC162835C HYNIX-HG74ALVC162835C Datasheet
139Kb / 8P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVC162834 TI-SN74ALVC162834 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com