Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-0630 Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # HCPL-0630
Description  High CMR, High Speed TTL Compatible Optocouplers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-0630 Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button HCPL-0630 Datasheet HTML 7Page - Broadcom Corporation. HCPL-0630 Datasheet HTML 8Page - Broadcom Corporation. HCPL-0630 Datasheet HTML 9Page - Broadcom Corporation. HCPL-0630 Datasheet HTML 10Page - Broadcom Corporation. HCPL-0630 Datasheet HTML 11Page - Broadcom Corporation. HCPL-0630 Datasheet HTML 12Page - Broadcom Corporation. HCPL-0630 Datasheet HTML 13Page - Broadcom Corporation. HCPL-0630 Datasheet HTML 14Page - Broadcom Corporation. HCPL-0630 Datasheet HTML 15Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Broadcom
AV02-0940EN
11
6N137, HCNW137, HCNW2601, HCNW2611, HCPL-0600, HCPL-0601, HCPL-
0611, HCPL-0630, HCPL-0631, HCPL-0661, HCPL-2601, HCPL-2611, HCPL-
2630, HCPL-2631, HCPL-4661 Data Sheet
High CMR, High Speed TTL Compatible Optocouplers
IEC/EN/DIN EN 60747-5-5 Insulation Characteristics2 (HCPL-06xx
Option 060 Only)
2.
Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective
circuits in application.
Description
Symbol
Characteristic
Units
Installation classification per DIN VDE 0110, Table 1
for rated mains voltage ≤ 150 Vrms
for rated mains voltage ≤ 300 Vrms
for rated mains voltage ≤ 600 Vrms
I-IV
I-IV
I-III
Climatic Classification
40/85/21
Pollution Degree (DIN VDE 0110/39)
2
Maximum Working Insulation Voltage
VIORM
567
Vpeak
Input-to-Output Test Voltage, Method ba
VIORM × 1.875 = VPR, 100% Production Test with tm = 1s, Partial Discharge < 5 pC
a. Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section, IEC/EN/DIN EN 60747-5-5, for
a detailed description.
VPR
1063
Vpeak
Input-to-Output Test Voltage, Method aa
VIORM ×1.6 = VPR, Type and Sample Test, tm = 10s, Partial Discharge < 5 pC
VPR
907
Vpeak
Highest Allowable Overvoltage (Transient Overvoltage, tini = 60s)
VIOTM
6000
Vpeak
Safety Limiting Values (Maximum values allowed in the event of a failure)
Case Temperature
Input Currentb
Output Powerb
b. Ratings apply to all devices except otherwise noted in the Package column.
TS
IS,INPUT
PS,OUTPUT
150
150
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500V
RS
≥ 109


Similar Part No. - HCPL-0630

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0630 HP-HCPL-0630 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630 HP-HCPL-0630 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-0630 HP-HCPL-0630 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-0630 HP-HCPL-0630 Datasheet
162Kb / 10P
   Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0630 AVAGO-HCPL-0630 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
More results

Similar Description - HCPL-0630

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-000E AVAGO-HCPL-0630-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com