Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP1075DGKT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1075DGKT
Description  Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP1075DGKT Datasheet(HTML) 1 Page - Texas Instruments

  TMP1075DGKT Datasheet HTML 1Page - Texas Instruments TMP1075DGKT Datasheet HTML 2Page - Texas Instruments TMP1075DGKT Datasheet HTML 3Page - Texas Instruments TMP1075DGKT Datasheet HTML 4Page - Texas Instruments TMP1075DGKT Datasheet HTML 5Page - Texas Instruments TMP1075DGKT Datasheet HTML 6Page - Texas Instruments TMP1075DGKT Datasheet HTML 7Page - Texas Instruments TMP1075DGKT Datasheet HTML 8Page - Texas Instruments TMP1075DGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Diode
Sensor
ΔΣ
ADC
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
Temperature
ALERT
SDA
1
3
4
8
6
5
GND
V+
A1
SCL
2
7
A0
A2
Temp.
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TMP1075
SBOS854 – MARCH 2018
TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75
Form Factor and Pinout
1
1 Features
1
Digital Output: SMBus™, I2C
Compatible to I3C Mixed Fast Mode
Supports up to 32 Device Addresses
Alert Pin Function
Resolution: 12 Bits
Accuracy:
±2°C (Maximum) from
−25°C to +85°C
±3°C (Maximum) from
−55°C to +125°C
Operating Low Quiescent Current: 10-μA (typical)
Shutdown Low Quiescent Current: 0.3-μA (typical)
Wide Supply Range: 1.7 V to 3.6 V
Small 8-Pin Package: VSSOP, SOIC and DFN
2 Applications
Power-Supply Temperature Monitoring
Computer Peripheral Thermal Protection
Notebook Computers
Cell Phones
Battery Management
Office Machines
Thermostat Controls
Environmental Monitoring and HVAC
Electro Mechanical Device Temperature
3 Description
The TMP1075 is a lower power, higher accuracy
replacement to the industry standard LM75 and
TMP75 digital temperature sensors. Available in
SOIC-8 and SOP-8 packages, the TMP1075 offers
pin to pin and software compatibility to quickly
upgrade any existing xx75 design. New with the
TMP1075 is an optional 2x2mm DFN package
reducing the PCB footprint by 79% compared to an
SOIC package.
The TMP1075 provides a 25% improvement in
accuracy over standard xx75 temperature sensors
and
offers
an
on-chip
12-bit
analog-to
digital
converter (ADC) providing a temperature resolution of
0.0625°C.
Compatible with SMBus, two-wire, and I2C interfaces,
the TMP1075 supports up to 32 devices address and
provides SMBus Alert.
The TMP1075 devices are ideal for temperature
measurement
in
a
variety
of
communication,
computer, consumer, environmental, industrial, and
instrumentation applications.
The TMP1075 devices are specified for operation
over a temperature range of
−55°C to +125°C.
The TMP1075 units are 100% tested on a production
setup that is NIST traceable and verified with
equipment that is calibrated to ISO/IEC 17025
accredited standards.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP1075
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
DFN (8)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
TMP1075 Internal Block Diagram


Similar Part No. - TMP1075DGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP1075DGKT TI1-TMP1075DGKT Datasheet
978Kb / 30P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075DGKT TI1-TMP1075DGKT Datasheet
1,009Kb / 31P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075DGKT TI1-TMP1075DGKT Datasheet
2Mb / 40P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075DGKT TI-TMP1075DGKT Datasheet
3Mb / 48P
[Old version datasheet]   TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
More results

Similar Description - TMP1075DGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
[Old version datasheet]   TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
TMP175 TI1-TMP175_15 Datasheet
981Kb / 33P
[Old version datasheet]   TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP275 TI1-TMP275_15 Datasheet
1,012Kb / 33P
[Old version datasheet]   TMP275 짹0.5째C Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP175-Q1 TI1-TMP175-Q1 Datasheet
446Kb / 31P
[Old version datasheet]   TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
Delta Electronics, Inc.
E36SC3R335 DELTA-E36SC3R335 Datasheet
587Kb / 15P
   Industry standard footprint and pinout
V48SR1R225 DELTA-V48SR1R225 Datasheet
528Kb / 14P
   Industry standard footprint and pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com