Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S79FL512S Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # S79FL512S
Description  256 Mbit (32 MB)/512 Mbit (64 MB), 3 V, Dual-Quad SPI Flash
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S79FL512S Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button S79FL512S Datasheet HTML 7Page - Cypress Semiconductor S79FL512S Datasheet HTML 8Page - Cypress Semiconductor S79FL512S Datasheet HTML 9Page - Cypress Semiconductor S79FL512S Datasheet HTML 10Page - Cypress Semiconductor S79FL512S Datasheet HTML 11Page - Cypress Semiconductor S79FL512S Datasheet HTML 12Page - Cypress Semiconductor S79FL512S Datasheet HTML 13Page - Cypress Semiconductor S79FL512S Datasheet HTML 14Page - Cypress Semiconductor S79FL512S Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 111 page
background image
Document Number: 002-00518 Rev. *D
Page 11 of 111
S79FL256S/S79FL512S
Figure 3. Dual-Quad SPI DDR Modes Supported
3.2
Command Protocol
All communication between the host system and S25FL-S memory devices is in the form of units called commands.
All commands begin with an instruction that selects the type of information transfer or device operation to be performed. Commands
may also have an address, instruction modifier, latency period, data transfer to the memory, or data transfer from the memory. All
instruction, address, and data information is transferred serially between the host system and memory device.
Quad Input / Output (I/O) commands provide an address sent from the host as four bit (nibble) groups on IO0, IO1, IO2, IO3 and
repeated on IO4, IO5, IO6, IO7, then followed by dummy cycles. Data is returned to the host as byte on IO0 - IO7. This is referenced
as 2-8-8 for Quad I/O command protocols.
Commands are structured as follows:
Each command begins with CS# going low and ends with CS# returning high. The memory device is selected by the host driving
the Chip Select (CS#) signal low throughout a command.
The serial clock (SCK) marks the transfer of each bit or group of bits between the host and memory.
Each command begins with an 8-bit (byte) instruction. The instruction is always presented only as a single bit serial sequence on
the Serial Input (SI) signal with one bit transferred to the memory device on each SCK rising edge. The instruction selects the type
of information transfer or device operation to be performed.
The instruction may be stand alone or may be followed by address bits to select a location within one of several address spaces
in the device. The instruction determines the address space used. The address may be either a 24-bit or a 32-bit byte boundary,
address. The address transfers occur on SCK rising edge, in SDR commands, or on every SCK edge, in DDR commands.
Quad I/O read instructions send an instruction modifier called Continuous Read mode bits, following the address, to indicate
whether the next command will be of the same type with an implied, rather than an explicit, instruction. These mode bits initiate or
end the continuous read mode. In continuous read mode, the next command thus does not provide an instruction byte, only a new
address and mode bits. This reduces the time needed to send each command when the same command type is repeated in a
sequence of commands. The mode bit transfers occur on SCK rising edge, in SDR commands, or on every SCK edge, in DDR
commands.
CPOL=0_CPHA=0_SCLK
CPOL=1_CPHA=1_SCLK
CS#
Transfer_Phase
IO0
IO1
IO2
IO3
IO4
IO5
IO6
IO7
Inst. 7
Inst. 0 A28 A24
A0 M4 M0
DLP.
DLP.
D0 D1
A29 A25
A1 M5 M1
DLP.
DLP.
D0 D1
A30 A26
A2 M6 M2
DLP.
DLP.
D0 D1
A31 A27
A3 M7 M3
DLP.
DLP.
D0 D1
Inst. 7
Inst. 0 A28 A24
A0 M4 M0
DLP.
DLP.
D0 D1
A29 A25
A1 M5 M1
DLP.
DLP.
D0 D1
A30 A26
A2 M6 M2
DLP.
DLP.
D0 D1
A31 A27
A3 M7 M3
DLP.
DLP.
D0 D1
Dummy / DLP
Address
Mode
Instruction


Similar Part No. - S79FL512S

ManufacturerPart #DatasheetDescription
logo
AUK corp
S7905D AUK-S7905D Datasheet
264Kb / 8P
   Fixed Voltage Regulator
S7905D AUK-S7905D Datasheet
294Kb / 8P
   Fixed Voltage Regulator
S7905PI AUK-S7905PI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
S7905PI AUK-S7905PI Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
S7905PIC AUK-S7905PIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
More results

Similar Description - S79FL512S

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL512S CYPRESS-S25FL512S Datasheet
3Mb / 133P
   512 Mbit (64 Mbyte), 3.0 V SPI Flash Memory
logo
Numonyx B.V
M36W0R6050T1 NUMONYX-M36W0R6050T1 Datasheet
429Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
logo
STMicroelectronics
M36W0R6050T1 STMICROELECTRONICS-M36W0R6050T1 Datasheet
223Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
logo
ATMEL Corporation
AT52SC1283J ATMEL-AT52SC1283J Datasheet
702Kb / 52P
   128-Mbit Flash 32-Mbit/64-Mbit
logo
Cypress Semiconductor
S29GL064N CYPRESS-S29GL064N Datasheet
972Kb / 78P
   64 Mbit, 32 Mbit 3 V Page Mode MirrorBit Flash
logo
Numonyx B.V
M28W640HCT NUMONYX-M28W640HCT Datasheet
1Mb / 72P
   64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S25FL064P CYPRESS-S25FL064P Datasheet
5Mb / 62P
   64-Mbit 3.0 V SPI Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_15 Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com