Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S79FL256S Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # S79FL256S
Description  256 Mbit (32 MB)/512 Mbit (64 MB), 3 V, Dual-Quad SPI Flash
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S79FL256S Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button S79FL256S Datasheet HTML 3Page - Cypress Semiconductor S79FL256S Datasheet HTML 4Page - Cypress Semiconductor S79FL256S Datasheet HTML 5Page - Cypress Semiconductor S79FL256S Datasheet HTML 6Page - Cypress Semiconductor S79FL256S Datasheet HTML 7Page - Cypress Semiconductor S79FL256S Datasheet HTML 8Page - Cypress Semiconductor S79FL256S Datasheet HTML 9Page - Cypress Semiconductor S79FL256S Datasheet HTML 10Page - Cypress Semiconductor S79FL256S Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 111 page
background image
Document Number: 002-00518 Rev. *D
Page 7 of 111
S79FL256S/S79FL512S
2.2
Multiple Input / Output (Dual-Quad SPI)
Quad Input / Output (I/O) commands send instructions to the memory only on the IO0 (Quad SPI-1) and IO4 (Quad SPI-2) signals.
Address is sent from the host to the memory as four bit (nibble) on IO0, IO1, IO2, IO3 (Quad SPI-1)and repeated on IO4, IO5, IO6,
IO7 (Quad SPI-2). Data is sent and returned to the host as bytes on IO0 - IO7.
2.3
RESET#
The RESET# input provides a hardware method of resetting the device to standby state, ready for receiving a command. When
RESET# is driven to logic low (VIL) for at least a period of tRP, the device:
terminates any operation in progress,
tristates all outputs,
resets the volatile bits in the Configuration Register,
resets the volatile bits in the Status Registers,
resets the Bank Address Register to zero,
loads the Program Buffer with all ones,
reloads all internal configuration information necessary to bring the device to standby mode,
and resets the internal Control Unit to standby state.
RESET# causes the same initialization process as is performed when power comes up and requires tPU time.
RESET# may be asserted low at any time. To ensure data integrity any operation that was interrupted by a hardware reset should
be reinitiated once the device is ready to accept a command sequence.
When RESET# is first asserted Low, the device draws ICC1 (50 MHz value) during tPU. If RESET# continues to be held at VSS the
device draws CMOS standby current (ISB).
RESET# has an internal pull-up resistor and may be left unconnected in the host system if not used.
The RESET# input is not available on all packages options. When not available the RESET# input of the device is tied to the inactive
state, inside the package.
2.4
Multiple Input / Output (Dual-Quad)
Quad Input / Output (I/O) commands send instructions to the memory only on the IO0 (Quad SPI-1) and IO4 (Quad SPI-2) signals.
Address is sent from the host to the memory as four bit (nibble) on IO0, IO1, IO2, IO3 (Quad SPI-1)and repeated on IO4, IO5, IO6,
IO7 (Quad SPI-2). Data is sent and returned to the host as bytes on IO0 - IO7.
2.5
Serial Clock (SCK)
This input signal provides the synchronization reference for the SPI interface. Instructions, addresses, or data input are latched on
the rising edge of the SCK signal. Data output changes after the falling edge of SCK, in SDR commands, and after every edge in
DDR commands.
DNU
Reserved
Do Not Use. A device internal signal may be connected to the package connector. The
connection may be used by Cypress for test or other purposes and is not intended for
connection to any host system signal. Any DNU signal related function will be inactive
when the signal is at VIL. The signal has an internal pull-down resistor and may be left
unconnected in the host system or may be tied to VSS. Do not use these connections
for PCB signal routing channels. Do not connect any host system signal to this
connection.
Table 1. Dual-Quad Input/Output Descriptions (Continued)
Signal Name
Type
Description


Similar Part No. - S79FL256S

ManufacturerPart #DatasheetDescription
logo
AUK corp
S7905D AUK-S7905D Datasheet
264Kb / 8P
   Fixed Voltage Regulator
S7905D AUK-S7905D Datasheet
294Kb / 8P
   Fixed Voltage Regulator
S7905PI AUK-S7905PI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
S7905PI AUK-S7905PI Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
S7905PIC AUK-S7905PIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
More results

Similar Description - S79FL256S

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL512S CYPRESS-S25FL512S Datasheet
3Mb / 133P
   512 Mbit (64 Mbyte), 3.0 V SPI Flash Memory
logo
Numonyx B.V
M36W0R6050T1 NUMONYX-M36W0R6050T1 Datasheet
429Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
logo
STMicroelectronics
M36W0R6050T1 STMICROELECTRONICS-M36W0R6050T1 Datasheet
223Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
logo
ATMEL Corporation
AT52SC1283J ATMEL-AT52SC1283J Datasheet
702Kb / 52P
   128-Mbit Flash 32-Mbit/64-Mbit
logo
Cypress Semiconductor
S29GL064N CYPRESS-S29GL064N Datasheet
972Kb / 78P
   64 Mbit, 32 Mbit 3 V Page Mode MirrorBit Flash
logo
Numonyx B.V
M28W640HCT NUMONYX-M28W640HCT Datasheet
1Mb / 72P
   64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S25FL064P CYPRESS-S25FL064P Datasheet
5Mb / 62P
   64-Mbit 3.0 V SPI Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_15 Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com