Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S79FL256S Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # S79FL256S
Description  256 Mbit (32 MB)/512 Mbit (64 MB), 3 V, Dual-Quad SPI Flash
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S79FL256S Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button S79FL256S Datasheet HTML 2Page - Cypress Semiconductor S79FL256S Datasheet HTML 3Page - Cypress Semiconductor S79FL256S Datasheet HTML 4Page - Cypress Semiconductor S79FL256S Datasheet HTML 5Page - Cypress Semiconductor S79FL256S Datasheet HTML 6Page - Cypress Semiconductor S79FL256S Datasheet HTML 7Page - Cypress Semiconductor S79FL256S Datasheet HTML 8Page - Cypress Semiconductor S79FL256S Datasheet HTML 9Page - Cypress Semiconductor S79FL256S Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 111 page
background image
Document Number: 002-00518 Rev. *D
Page 6 of 111
S79FL256S/S79FL512S
Hardware Interface
Serial Peripheral Interface with Multiple Input / Output (SPI-MIO) Dual-Quad
Many memory devices connect to their host system with separate parallel control, address, and data signals that require a large
number of signal connections and larger package size. The large number of connections increase power consumption due to so
many signals switching and the larger package increases cost.
The S25FL-S Dual-Quad SPI devices reduce the number of signals for connection to the host system by serially transferring all
control, address, and data information over 10 signals. This reduces the cost of the memory package, reduces signal switching
power, and either reduces the host connection count or frees host connectors for use in providing other features.
The S25FL-S Dual-Quad SPI devices use the industry standard single bit Serial Peripheral Interface (SPI) using two Quad SPI
devices in each package (Quad SPI-1 and Quad SPI-2). This interface is called Dual-Quad and enables support of Byte wide (8 bit)
serial transfers. There is one package option available for S79FL256S/S79FL512S:
16-pin SOIC package
For documentation simplicity, all AC timings and waveforms and DC specification are defined using single CS# (Chip Select) and
SCK (Serial Clock) signals. For S79FL256S/S79FL512S, the CS# signals and the SCK signals for Quad SPI-1 and Quad SPI-2 are
internally tied together in the package.
2. Signal Descriptions
2.1
Input/Output Summary
Table 1. Dual-Quad Input/Output Descriptions
Signal Name
Type
Description
RESET#
Input
Hardware Reset: Low = device resets and returns to standby state, ready to receive a
command. The signal has an internal pull-up resistor and may be left unconnected in
the host system if not used.
SCK
Input
Serial Clock
CS#
Input
Chip Select
IO0
I/O
I/O 0 for Quad SPI-1
IO1
I/O
I/O 1 for Quad SPI-1
IO2
I/O
I/O 2 for Quad SPI-1
IO3
I/O
I/O 3 for Quad SPI-1
IO4
I/O
I/O 0 for Quad SPI-2
IO5
I/O
I/O 1 for Quad SPI-2
IO6
I/O
I/O 2 for Quad SPI-2
IO7
I/O
I/O 3 for Quad SPI-2
VCC
Supply
Core Power Supply
VSS
Supply
Ground
NC
Unused
Not Connected. No device internal signal is connected to the package connector nor is
there any future plan to use the connector for a signal. The connection may safely be
used for routing space for a signal on a Printed Circuit Board (PCB). However, any
signal connected to a NC pin must not have voltage levels higher than the VCC
absolute maximum (Supply Voltage).
RFU
Reserved
Reserved for Future Use. No device internal signal is currently connected to the
package connector but there is potential future use for the connector for a signal. It is
recommended to not use RFU connectors for PCB routing channels so that the PCB
may take advantage of future enhanced features in compatible footprint devices.


Similar Part No. - S79FL256S

ManufacturerPart #DatasheetDescription
logo
AUK corp
S7905D AUK-S7905D Datasheet
264Kb / 8P
   Fixed Voltage Regulator
S7905D AUK-S7905D Datasheet
294Kb / 8P
   Fixed Voltage Regulator
S7905PI AUK-S7905PI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
S7905PI AUK-S7905PI Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
S7905PIC AUK-S7905PIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
More results

Similar Description - S79FL256S

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL512S CYPRESS-S25FL512S Datasheet
3Mb / 133P
   512 Mbit (64 Mbyte), 3.0 V SPI Flash Memory
logo
Numonyx B.V
M36W0R6050T1 NUMONYX-M36W0R6050T1 Datasheet
429Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
logo
STMicroelectronics
M36W0R6050T1 STMICROELECTRONICS-M36W0R6050T1 Datasheet
223Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
logo
ATMEL Corporation
AT52SC1283J ATMEL-AT52SC1283J Datasheet
702Kb / 52P
   128-Mbit Flash 32-Mbit/64-Mbit
logo
Cypress Semiconductor
S29GL064N CYPRESS-S29GL064N Datasheet
972Kb / 78P
   64 Mbit, 32 Mbit 3 V Page Mode MirrorBit Flash
logo
Numonyx B.V
M28W640HCT NUMONYX-M28W640HCT Datasheet
1Mb / 72P
   64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S25FL064P CYPRESS-S25FL064P Datasheet
5Mb / 62P
   64-Mbit 3.0 V SPI Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_15 Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com