Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SV16XV5T2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL17SV16XV5T2
Description  Ultra-Low Voltage Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SV16XV5T2 Datasheet(HTML) 4 Page - ON Semiconductor

  NL17SV16XV5T2 Datasheet HTML 1Page - ON Semiconductor NL17SV16XV5T2 Datasheet HTML 2Page - ON Semiconductor NL17SV16XV5T2 Datasheet HTML 3Page - ON Semiconductor NL17SV16XV5T2 Datasheet HTML 4Page - ON Semiconductor NL17SV16XV5T2 Datasheet HTML 5Page - ON Semiconductor NL17SV16XV5T2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NL17SV16XV5T2
http://onsemi.com
4
AC CHARACTERISTICS (Input tr = tf = 3.0 nS)
−40
°C
25
°C
85
°C
Symbol
Parameter
Condition
VCC
Min
Typ
Max
Min
Max
Unit
TPHL,
T
Propagation Delay
CL = 15 pF, RL = 1.0 MW
0.90
20
nS
,
TPLH
CL = 15 pF, RL = 2.0 kW
1.10
v VCC v 1.30
1.40
v VCC v 1.60
2.0
1.0
6.0
3.2
13
6.1
1.0
1.0
16.9
7.0
nS
CL = 30 pF, RL = 500 kW
1.65
v VCC v 1.95
2.30
v VCC v 2.70
2.70
v VCC v 3.60
1.0
0.8
0.7
2.0
1.2
1.0
5.2
3.7
3.3
1.0
0.7
0.6
6.2
4.4
3.8
nS
CIN
Input Capacitance
0
2.0
pF
COUT
Output Capacitance
0
4.5
pF
CPD
Power Dissipation
Capacitance
VI = 0 V or VCC
F = 10 MHz
0.90 to 3.60
20
pF


Similar Part No. - NL17SV16XV5T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SV16XV5T2 ONSEMI-NL17SV16XV5T2 Datasheet
31Kb / 2P
   Ultra-Low Voltage MiniGate Devices Solve 1.2 V Interface Problems
December, 2003 ??Rev. 0
NL17SV16XV5T2 ONSEMI-NL17SV16XV5T2 Datasheet
122Kb / 5P
   Ultra?묹ow Voltage Buffer
September, 2005 ??Rev. 2
NL17SV16XV5T2G ONSEMI-NL17SV16XV5T2G Datasheet
122Kb / 5P
   Ultra?묹ow Voltage Buffer
September, 2005 ??Rev. 2
NL17SV16XV5T2G ONSEMI-NL17SV16XV5T2G Datasheet
98Kb / 5P
   Ultra-Low Voltage Buffer
July, 2011 ??Rev. 4
NL17SV16XV5T2G ONSEMI-NL17SV16XV5T2G Datasheet
87Kb / 5P
   Ultra-Low Voltage Buffer
May, 2014 ??Rev. 5
More results

Similar Description - NL17SV16XV5T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SV16 ONSEMI-NL17SV16 Datasheet
87Kb / 5P
   Ultra-Low Voltage Buffer
May, 2014 ??Rev. 5
NL17SV16 ONSEMI-NL17SV16_11 Datasheet
98Kb / 5P
   Ultra-Low Voltage Buffer
July, 2011 ??Rev. 4
NL17SV16XV5T2 ONSEMI-NL17SV16XV5T2_05 Datasheet
122Kb / 5P
   Ultra?묹ow Voltage Buffer
September, 2005 ??Rev. 2
74LVX125 ONSEMI-74LVX125 Datasheet
316Kb / 9P
   Low Voltage Quad Buffer
February 2008 Rev. 1.4.0
74LVTH125 ONSEMI-74LVTH125 Datasheet
227Kb / 9P
   Low Voltage Quad Buffer
January 2008 Rev. 1.4.0
logo
Motorola, Inc
MC74LVQ541 MOTOROLA-MC74LVQ541 Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC244A ONSEMI-74LVC244A Datasheet
92Kb / 9P
   Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
logo
Alliance Semiconductor ...
ASM5I961C ALSC-ASM5I961C Datasheet
685Kb / 15P
   Low Voltage Zero Delay Buffer
logo
ON Semiconductor
MC74LCX240 ONSEMI-MC74LCX240_V01 Datasheet
252Kb / 8P
   Low-Voltage CMOS Octal Buffer
March, 2019 ??Rev. 11
logo
Motorola, Inc
MC74LVQ244 MOTOROLA-MC74LVQ244 Datasheet
202Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com