Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S34MS04G2 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # S34MS04G2
Description  1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S34MS04G2 Datasheet(HTML) 3 Page - Cypress Semiconductor

  S34MS04G2 Datasheet HTML 1Page - Cypress Semiconductor S34MS04G2 Datasheet HTML 2Page - Cypress Semiconductor S34MS04G2 Datasheet HTML 3Page - Cypress Semiconductor S34MS04G2 Datasheet HTML 4Page - Cypress Semiconductor S34MS04G2 Datasheet HTML 5Page - Cypress Semiconductor S34MS04G2 Datasheet HTML 6Page - Cypress Semiconductor S34MS04G2 Datasheet HTML 7Page - Cypress Semiconductor S34MS04G2 Datasheet HTML 8Page - Cypress Semiconductor S34MS04G2 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
Document Number: 002-03238 Rev. *E
Page 3 of 74
S34MS01G2
S34MS02G2
S34MS04G2
1. General Description
The Cypress S34MS01G2, S34MS02G2, and S34MS04G2 series is offered in 1.8 VCC and VCCQ power supply, and with x8 or x16
I/O interface. Its NAND cell provides the most cost-effective solution for the solid state mass storage market. The memory is divided
into blocks that can be erased independently so it is possible to preserve valid data while old data is erased. The page size for x8 is
(2048 + spare) bytes; for x16 (1024 + spare) words.
Each block can be programmed and erased up to 100,000 cycles with ECC (error correction code) on. To extend the lifetime of
NAND flash devices, the implementation of an ECC is mandatory.
The chip supports CE# don't care function. This function allows the direct download of the code from the NAND flash memory device
by a microcontroller, since the CE# transitions do not stop the read operation.
The devices have a Read Cache feature that improves the read throughput for large files. During cache reading, the devices load
the data in a cache register while the previous data is transferred to the I/O buffers to be read.
Like all other 2-kB page NAND flash devices, a program operation typically writes 2 KB (x8), or 1 kword (x16) in 300 µs and an erase
operation can typically be performed in 3 ms (S34MS01G2) on a 128-kB block (x8) or 64-kword block (x16). In addition, thanks to
multiplane architecture, it is possible to program two pages at a time (one per plane) or to erase two blocks at a time (again, one per
plane). The multiplane architecture allows program time to be reduced by 40% and erase time to be reduced by 50%.
In multiplane operations, data in the page can be read out at 45 ns cycle time per byte. The I/O pins serve as the ports for command
and address input as well as data input/output. This interface allows a reduced pin count and easy migration towards different
densities, without any rearrangement of the footprint.
Commands, Data, and Addresses are asynchronously introduced using CE#, WE#, ALE, and CLE control pins.
The on-chip Program/Erase Controller automates all read, program, and erase functions including pulse repetition, where required,
and internal verification and margining of data. A WP# pin is available to provide hardware protection against program and erase
operations.
The output pin R/B# (open drain buffer) signals the status of the device during each operation. It identifies if the program/erase/read
controller is currently active. The use of an open-drain output allows the Ready/Busy pins from several memories to connect to a
single pull-up resistor. In a system with multiple memories the
R/B# pins can be connected all together to provide a global status signal.
The Reprogram function allows the optimization of defective block management — when a Page Program operation fails the data
can be directly programmed in another page inside the same array section without the time consuming serial data insertion phase.
Multiplane Copy Back is also supported. Data read out after Copy Back Read (both for single and multiplane cases) is allowed.
In addition, Cache Program and Multiplane Cache Program operations improve the programing throughput by programing data
using the cache register.
The devices provide two innovative features: Page Reprogram and Multiplane Page Reprogram. The Page Reprogram re-programs
one page. Normally, this operation is performed after a failed Page Program operation. Similarly, the Multiplane Page Reprogram re-
programs two pages in parallel, one per plane. The first page must be in the first plane while the second page must be in the second
plane. The Multiplane Page Reprogram operation is performed after a failed Multiplane Page Program operation. The Page
Reprogram and Multiplane Page Reprogram guarantee improved performance, since data insertion can be omitted during re-
program operations.


Similar Part No. - S34MS04G2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S34MS04G1 CYPRESS-S34MS04G1 Datasheet
1Mb / 71P
   1-bit ECC, x8 and x16 I/O, 1.8V VCC SLC NAND Flash for Embedded
S34MS04G100 CYPRESS-S34MS04G100 Datasheet
779Kb / 6P
   1-Bit ECC
S34MS04G104 CYPRESS-S34MS04G104 Datasheet
779Kb / 6P
   1-Bit ECC
More results

Similar Description - S34MS04G2

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F50L2G41LB ESMT-F50L2G41LB Datasheet
1Mb / 50P
   3.3V 2 Gbit (2 x 1 Gbit) SPI-NAND Flash Memory
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Elite Semiconductor Mem...
F50L1G41LB ESMT-F50L1G41LB Datasheet
1Mb / 49P
   3.3V 1 Gbit SPI-NAND Flash Memory
F50L2G41XA ESMT-F50L2G41XA Datasheet
1Mb / 49P
   3.3V 2 Gbit SPI-NAND Flash Memory
F50L4G41XB ESMT-F50L4G41XB Datasheet
1Mb / 51P
   3.3V 4 Gbit SPI-NAND Flash Memory
logo
Micron Technology
PC28F00AP30TFA MICRON-PC28F00AP30TFA Datasheet
11Mb / 86P
   Numonyx짰 Axcell??P30-65nm Flash Memory 512-Mbit, 1-Gbit , 2-Gbit
logo
Numonyx B.V
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com