Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S34MS01G2 Datasheet(PDF) 56 Page - Cypress Semiconductor

Part # S34MS01G2
Description  1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S34MS01G2 Datasheet(HTML) 56 Page - Cypress Semiconductor

Back Button S34MS01G2 Datasheet HTML 52Page - Cypress Semiconductor S34MS01G2 Datasheet HTML 53Page - Cypress Semiconductor S34MS01G2 Datasheet HTML 54Page - Cypress Semiconductor S34MS01G2 Datasheet HTML 55Page - Cypress Semiconductor S34MS01G2 Datasheet HTML 56Page - Cypress Semiconductor S34MS01G2 Datasheet HTML 57Page - Cypress Semiconductor S34MS01G2 Datasheet HTML 58Page - Cypress Semiconductor S34MS01G2 Datasheet HTML 59Page - Cypress Semiconductor S34MS01G2 Datasheet HTML 60Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
Document Number: 002-03238 Rev. *E
Page 56 of 74
S34MS01G2
S34MS02G2
S34MS04G2
6.24
Multiplane Cache Program — S34MS02G2 and S34MS04G2
Figure 6.30 Multiplane Cache Program
Notes:
1. Read Status Register (70h) is used in the figure. Read Status Enhanced (78h) can be also used.
2. A18 is the plane address bit for x8 devices. A17 is the plane address bit for x16 devices.
CLE
ALE
CE#
RE#
R/B#
I/Ox
WE#
Column Address
Row Address
tWB
tWC
Column Address
Row Address
tCBSYW
1
1
tDBSY
80h
Col.
Add1
Col.
Add2
Row
Add1
Row
Add2
Row
Add3
81h
Col.
Add1
Col.
Add2
Row
Add1
Row
Add2
Row
Add3
15h
Din
N
Din
M
11h
Din
N
Din
M
Column Address
Row Address
tWC
Column Address
Row Address
tPROG
tDBSY
11h
Din
N
Din
M
80h
81h
Col.
Add1
Col.
Add2
Row
Add1
Row
Add2
Row
Add3
10h
Din
N
Din
M
tWB
tADL
tADL
tWB
Status
70h
80h
Address Input
Data Input
11h
81h
Address Input
Data Input
15h
Command Input
A13~A17: Fixed ‘Low’
A18: Fixed ‘Low’
A19~A31: Fixed ‘Low’
A13~A17: Valid
A18: Fixed ‘High’
A19~A31: Valid
tDBSY
Return to 1
Repeat a max of 63 times
80h
Address Input
Data Input
11h
81h
Address Input
Data Input
10h
Command Input
A13~A17: Fixed ‘Low’
A18: Fixed ‘Low’
A19~A31: Fixed ‘Low’
A13~A17: Valid
A18: Fixed ‘High’
A19~A31: Valid
tDBSY
tPROG
tCBSYW
RY/BY#
RY/BY#
1
1
CLE
ALE
CE#
RE#
R/B#
I/Ox
WE#
Col.
Add1
Col.
Add2
Row
Add1
Row
Add2
Row
Add3


Similar Part No. - S34MS01G2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S34MS01G1 CYPRESS-S34MS01G1 Datasheet
1Mb / 71P
   1-bit ECC, x8 and x16 I/O, 1.8V VCC SLC NAND Flash for Embedded
S34MS01G100 CYPRESS-S34MS01G100 Datasheet
779Kb / 6P
   1-Bit ECC
S34MS01G104 CYPRESS-S34MS01G104 Datasheet
779Kb / 6P
   1-Bit ECC
More results

Similar Description - S34MS01G2

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F50L2G41LB ESMT-F50L2G41LB Datasheet
1Mb / 50P
   3.3V 2 Gbit (2 x 1 Gbit) SPI-NAND Flash Memory
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Elite Semiconductor Mem...
F50L1G41LB ESMT-F50L1G41LB Datasheet
1Mb / 49P
   3.3V 1 Gbit SPI-NAND Flash Memory
F50L2G41XA ESMT-F50L2G41XA Datasheet
1Mb / 49P
   3.3V 2 Gbit SPI-NAND Flash Memory
F50L4G41XB ESMT-F50L4G41XB Datasheet
1Mb / 51P
   3.3V 4 Gbit SPI-NAND Flash Memory
logo
Micron Technology
PC28F00AP30TFA MICRON-PC28F00AP30TFA Datasheet
11Mb / 86P
   Numonyx짰 Axcell??P30-65nm Flash Memory 512-Mbit, 1-Gbit , 2-Gbit
logo
Numonyx B.V
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com