Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL008J Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # S29AL008J
Description  8-Mbit (1M8-Bit/512K16-Bit), 3 V, Boot Sector Flash
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AL008J Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button S29AL008J Datasheet HTML 3Page - Cypress Semiconductor S29AL008J Datasheet HTML 4Page - Cypress Semiconductor S29AL008J Datasheet HTML 5Page - Cypress Semiconductor S29AL008J Datasheet HTML 6Page - Cypress Semiconductor S29AL008J Datasheet HTML 7Page - Cypress Semiconductor S29AL008J Datasheet HTML 8Page - Cypress Semiconductor S29AL008J Datasheet HTML 9Page - Cypress Semiconductor S29AL008J Datasheet HTML 10Page - Cypress Semiconductor S29AL008J Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
Document Number: 002-00778 Rev. *O
Page 7 of 50
S29AL008J
6.
Ordering Information
6.1
S29AL008J Standard Products
Cypress standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local sales office to confirm
availability of specific valid combinations and to check on newly released combinations.
Notes
1. Type 0 is standard. Specify other options as required.
2. Type 1 is standard. Specify other options as required.
3. TSOP package markings omit packing type designator from ordering part number.
4. BGA package marking omits leading
S29 and packing type designator from ordering part number.
S29AL008J
70
T
F
I
01
0
Packing Type
0 = Tray
2 = 7” Tape and Reel
3 = 13” Tape and Reel
Model Number
01 = VCC = 2.7-3.6 V, top boot sector device (CFI Support)
02 = VCC = 2.7-3.6 V, bottom boot sector device (CFI Support)
03 = VCC = 2.7-3.6 V, top boot sector device (No CFI Support)
04 = VCC = 2.7-3.6 V, bottom boot sector device (No CFI Support)
R1 = VCC = 3.0-3.6 V, top boot sector device (CFI Support)
R2 = VCC = 3.0-3.6 V, bottom boot sector device (CFI Support)
Temperature Range
I = Industrial (-40 °C to +85 °C)
N = Extended (-40 °C to +125 °C)
A = Automotive, AEC-Q100 Grade 3 (-40 °C to +85 °C)
M = Automotive, AEC-Q100 Grade 1 (-40 °C to +125 °C)
Package Material Set
F = Pb-free
H = Low-Halogen, Pb-free
Package Type
T = Thin Small Outline Package (TSOP) Standard Pinout
B = Fine-pitch Ball-Grid Array Package
Speed Option
55 = 55 ns Access Speed
70 = 70 ns Access Speed
Device Number/Description
S29AL008J
8 Megabit Flash Memory manufactured using 110 nm process technology
3.0 Volt-only Read, Program, and Erase
S29AL008J Valid Combination
Package Description
Device Number
Speed
Option
Package Type, Material,
and Temperature Range
Model
Number
Packing Type
S29AL008J
55
TFI, TFN
R1, R2
0, 3 (Note 1)
TS048 (Note 3)
TSOP
BFI, BFN, BHI, BHN
0, 2, 3 (Note 1)
VBK048 (Note 4) Fine-Pitch BGA
70
TFI, TFN
01, 02
0, 3 (Note 1)
TS048 (Note 3)
TSOP
BFI, BFN, BHI, BHN
0, 2, 3 (Note 1)
VBK048 (Note 4) Fine-Pitch BGA
TFI
03, 04
0, 3 (Note 1)
TS048 (Note 3)
TSOP
BFN, BHN
0, 2, 3 (Note 1)
VBK048 (Note 4) Fine-Pitch BGA


Similar Part No. - S29AL008J

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL008J

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29AS008J CYPRESS-S29AS008J Datasheet
590Kb / 56P
   8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
logo
Sharp Corporation
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
   8M (512K 횞 16, 1M 횞 8) Flash Memory
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
   Flash Memory 8M (1M 횞 8/512K 횞 16)
LH28F800BJE-PTTL90 SHARP-LH28F800BJE-PTTL90 Datasheet
515Kb / 57P
   Flash Memory 8M (512K 횞 16/1M 횞 8)
logo
Cypress Semiconductor
S29JL064J CYPRESS-S29JL064J Datasheet
725Kb / 60P
   64-Mbit (8M 횞 8-Bit/4M 횞 16-Bit), 3 V,Simultaneous Read/Write Flash
logo
Sanyo Semicon Device
LE28FV4001CTS-20 SANYO-LE28FV4001CTS-20 Datasheet
158Kb / 15P
   4M-Bit (512k 횞 8) Flash EEPROM
LE28F4001CTS SANYO-LE28F4001CTS Datasheet
168Kb / 15P
   4M-Bit (512k 횞 8) Flash EEPROM
logo
Cypress Semiconductor
CY14B116L CYPRESS-CY14B116L Datasheet
3Mb / 37P
   16-Mbit (2048K 횞 8/1024K 횞 16/512K 횞 32) nvSRAM
CY62167GN CYPRESS-CY62167GN Datasheet
532Kb / 19P
   16-Mbit (1M 횞 16/2M 횞 8) Static RAM
logo
Sharp Corporation
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com