Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2701 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJM2701
Description  3D SURROUND AUDIO PROCESSOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2701 Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJM2701 Datasheet HTML 3Page - New Japan Radio NJM2701 Datasheet HTML 4Page - New Japan Radio NJM2701 Datasheet HTML 5Page - New Japan Radio NJM2701 Datasheet HTML 6Page - New Japan Radio NJM2701 Datasheet HTML 7Page - New Japan Radio NJM2701 Datasheet HTML 8Page - New Japan Radio NJM2701 Datasheet HTML 9Page - New Japan Radio NJM2701 Datasheet HTML 10Page - New Japan Radio NJM2701 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NJM2701
- 8 -
s
s
s
sTYPICAL CHARACTERISTICS
0
1
2
3
4
5
6
7
0
5
10
15
20
Supply Current vs SupplyVoltage
V+=1 to 18V Ta=25degrees
Supply Voltage [V]
MONO
STEREO
BYPASS
4
4.5
5
5.5
6
-60
-40
-20
0
20
40
60
80
100
Supply Current vs Ambient Temperature
V+=12V
Ambient Temperature [degrees]
MONO
STEREO
BYPASS
-5
0
5
10
15
2
4
6
8
10
12
14
Maximum Input Voltage vs Supply Voltage
(BYPASS)
Vin=Lch Vout=Lch f=1KHz RL=47Kohm
Rg=25ohm Ta=25degrees
Supply Voltage [V]
-20
-15
-10
-5
0
5
2
4
6
8
10
12
14
Maximum Input Voltage vs Supply Voltage
(STEREO)
Vin=Lch Vout=Lch f=1KHz RL=47Kohm
Rg=25ohm Ta=25degrees
Supply Voltage [V]
-10
-5
0
5
10
15
2
4
6
8
10
12
14
Maximum Input Voltage vs Supply Voltage
(MONO)
Vin=Lch Vout=Lch f=1KHz RL=47Kohm
Rg=25ohm Ta=25degrees
Supply Voltage [V]


Similar Part No. - NJM2701

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2700 NJRC-NJM2700 Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2700FJ1 NJRC-NJM2700FJ1 Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2700G NJRC-NJM2700G Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2700L NJRC-NJM2700L Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
   3D SURROUND AUDIO PROCESSOR
More results

Similar Description - NJM2701

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
   3D SURROUND AUDIO PROCESSOR
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
   SRS 3D SURROUND AUDIO PROCESSOR?
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2198 NJRC-NJM2198 Datasheet
84Kb / 13P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2704 NJRC-NJM2704 Datasheet
178Kb / 11P
   3D SURROUND AUDIO PROCESSOR FOR HEADPHONE
NJM2703 NJRC-NJM2703 Datasheet
178Kb / 10P
   3D SURROUND AUDIO PROCESSOR FOR HEADPHONE
NJM2706 NJRC-NJM2706 Datasheet
125Kb / 15P
   3D Surround Audio Processor with Dynamic Bass Boost
NJM2190 NJRC-NJM2190 Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
logo
List of Unclassifed Man...
YSS215 ETC-YSS215 Datasheet
714Kb / 7P
   AUDIO & VISUAL SURROUND PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com