Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTS7F-824K Datasheet(PDF) 1 Page - Central Technologies

Part # CTS7F-824K
Description  Shielded Inductors- Axial
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTS7F-824K Datasheet(HTML) 1 Page - Central Technologies

  CTS7F-824K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 05.03.17
Shielded Inductors- Axial
www.ctparts.com
CTS7F
Series
From 1µH to 4,700,000µH
SPECIFICATIONS
Part
DCR
Rate Current
Number
Inductance
(Ω) ±20%
(AC Amps)
CTS7F-1R0M
1.0 µH
0.011
0.707
CTS7F-1R2M
1.2 µH
0.012
0.707
CTS7F-1R5M
1.5 µH
0.012
0.707
CTS7F-1R8M
1.8 µH
0.012
0.707
CTS7F-2R2M
2.2 µH
0.012
0.707
CTS7F-2R7M
2.7 µH
0.013
0.707
CTS7F-3R3M
3.3 µH
0.013
0.707
CTS7F-3R9M
3.9 µH
0.014
0.707
CTS7F-4R7M
4.7 µH
0.014
0.707
CTS7F-5R6M
5.6 µH
0.017
0.707
CTS7F-6R8M
6.8 µH
0.018
0.707
CTS7F-8R2M
8.2 µH
0.018
0.707
CTS7F-100K
10 µH
0.020
0.707
CTS7F-120K
12 µH
0.022
0.707
CTS7F-150K
15 µH
0.024
0.707
CTS7F-180K
18 µH
0.030
0.707
CTS7F-220K
22 µH
0.032
0.707
CTS7F-270K
27 µH
0.034
0.707
CTS7F-330K
33 µH
0.036
0.707
CTS7F-390K
39 µH
0.038
0.707
CTS7F-470K
47 µH
0.040
0.707
CTS7F-560K
56 µH
0.046
0.707
CTS7F-680K
68 µH
0.047
0.707
CTS7F-820K
82 µH
0.050
0.707
CTS7F-101K
100 µH
0.064
0.707
CTS7F-121K
120 µH
0.068
0.707
CTS7F-151K
150 µH
0.073
0.707
CTS7F-181K
180 µH
0.078
0.707
CTS7F-221K
220 µH
0.082
0.707
CTS7F-271K
270 µH
0.098
0.707
CTS7F-331K
330 µH
0.132
0.556
CTS7F-391K
390 µH
0.142
0.556
CTS7F-471K
470 µH
0.170
0.556
CTS7F-561K
560 µH
0.222
0.437
CTS7F-681K
680 µH
0.235
0.437
CTS7F-821K
820 µH
0.247
0.437
CTS7F-102K
1000 µH
0.440
0.350
CTS7F-122K
1200 µH
0.470
0.280
CTS7F-152K
1500 µH
0.640
0.277
CTS7F-182K
1800 µH
0.700
0.277
CTS7F-222K
2.2mH
0.925
0.224
CTS7F-272K
2.7mH
1.02
0.224
CTS7F-332K
3.3mH
1.16
0.224
CTS7F-392K
3.9mH
1.61
0.175
CTS7F-472K
4.7mH
1.89
0.175
CTS7F-562K
5.6mH
2.42
0.130
CTS7F-682K
6.8mH
2.67
0.130
CTS7F-822K
8.2mH
3.19
0.110
CTS7F-103K
10mH
4.16
0.110
CTS7F-123K
12mH
4.32
0.080
CTS7F-153K
15mH
4.96
0.080
CTS7F-183K
18mH
5.28
0.071
CTS7F-223K
22mH
8.06
0.071
CTS7F-273K
27mH
9.12
0.056
CTS7F-333K
33mH
12.18
0.056
CTS7F-393K
39mH
14.16
0.043
CTS7F-473K
47mH
17.18
0.043
CTS7F-563K
56mH
18.71
0.043
CTS7F-683K
68mH
27.36
0.043
CTS7F-823K
82mH
31.32
0.043
CTS7F-104K
100mH
42.84
0.034
CTS7F-124K
120mH
47.16
0.034
CTS7F-154K
150mH
61.58
0.027
CTS7F-184K
180mH
69.12
0.027
CTS7F-224K
220mH
90
0.027
CTS7F-274K
270mH
100
0.027
CTS7F-334K
330mH
117
0.022
CTS7F-394K
390mH
125
0.022
CTS7F-474K
470mH
183
0.017
CTS7F-564K
560mH
206
0.017
CTS7F-684K
680mH
282
0.014
CTS7F-824K
820mH
356
0.011
CTS7F-105K
1000mH
410
0.011
CTS7F-125K
1200mH
568
0.0086
CTS7F-155K
1500mH
634
0.0086
CTS7F-185K
1800mH
950
0.0069
CTS7F-225K
2200mH
964
0.0069
CTS7F-275K
2700mH
987
0.0054
CTS7F-335K
3300mH
1400
0.0054
CTS7F-395K
3900mH
1682
0.0054
CTS7F-475K
4700mH
1700
0.0054
Not Shown at Actual Size
CHARACTERISTICS
Description: Axial leaded shielded inductor
Applications: Compact audio filters, tone control circuits,
amplifiers, low level power supplies, filters, switching circuits and
telecommunications.
Packaging: Bulk
Current Rating: Based on 0.33 watt power dissipation for ap-
proximately 20°C temperature rise
Operating Temperature: -55°C to +125°C
Testing: Inductance is tested on an HP4263B at
1kHZ(1R0-823); HP4284A at 1kHZ,1V(104-475)
Miscellaneous: RoHS Compliant.
Additional Information:
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
Marking
Code
A
B
C
Max.
Max.
Nom.
18.41
7.62
29.21
0.725
0.300
1.15
Size
mm
inches
Part numbers indicate available inductance tolerance.
K = ±10%, M = ±20%


Similar Part No. - CTS7F-824K

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTS700 CTMICRO-CTS700 Datasheet
1Mb / 17P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
CTS701 CTMICRO-CTS701 Datasheet
947Kb / 13P
   0.6A MOSFET/IGBT Gate Driver Optocoupler
CTS701SMT1 CTMICRO-CTS701SMT1 Datasheet
947Kb / 13P
   0.6A MOSFET/IGBT Gate Driver Optocoupler
CTS701SMT2 CTMICRO-CTS701SMT2 Datasheet
947Kb / 13P
   0.6A MOSFET/IGBT Gate Driver Optocoupler
CTS701T1 CTMICRO-CTS701T1 Datasheet
947Kb / 13P
   0.6A MOSFET/IGBT Gate Driver Optocoupler
More results

Similar Description - CTS7F-824K

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AS20-R10K-RC ALLIED-AS20-R10K-RC Datasheet
805Kb / 1P
   Axial Shielded Inductors
logo
Central Technologies
CTS5F CT-CTS5F Datasheet
161Kb / 1P
   Shielded Inductors - Axial
CTS3F CT-CTS3F Datasheet
321Kb / 1P
   Shielded Inductors - Axial
logo
Allied Components Inter...
AS30 ALLIED-AS30 Datasheet
912Kb / 1P
   Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC_10 Datasheet
932Kb / 1P
   Axial Shielded Inductors
AS30-R10K-RC ALLIED-AS30-R10K-RC Datasheet
907Kb / 1P
   Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC Datasheet
928Kb / 1P
   Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC Datasheet
956Kb / 1P
   Axial Shielded Inductors
AS20 ALLIED-AS20 Datasheet
810Kb / 1P
   Axial Shielded Inductors
logo
Central Technologies
CTS1F CT-CTS1F Datasheet
160Kb / 1P
   Shielded Inductors - Axial
CTS2F CT-CTS2F Datasheet
161Kb / 1P
   Shielded Inductors - Axial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com