Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F461JT223K630A Datasheet(PDF) 1 Page - Kemet Corporation

Part # F461JT223K630A
Description  F461, Film, Metallized Polypropylene, Commercial Grade, 0.022 uF, 10%, 630 V, 85C, Lead Spacing = 5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F461JT223K630A Datasheet(HTML) 1 Page - Kemet Corporation

  F461JT223K630A Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 10/25/2017 - f01af690-d9ec-4dd7-b158-c6889a69e2d3
KEMET Part Number: F461JT223K630A
F461, Film, Metallized Polypropylene, Commercial Grade, 0.022 uF, 10%, 630 V, 85C, Lead Spacing = 5mm
Dimensions
L
7.2mm MAX
H
11mm MAX
T
6mm MAX
S
5mm +/-0.4mm
LL
17mm +0/-1mm
F
0.5mm +/-0.05mm
G
0.5mm NOM
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 1000
General Information
Supplier: KEMET
Series: F461
Dielectric: Metallized Polypropylene
Style: Radial
Features: MKP, Pulse
RoHS: Yes
Lead: Wire Leads
Miscellaneous:
The Rated Voltage Decreases
2%/C Between +85C And +105C
(1.25%/C For AC). ClimCat:
55/105/56
Specifications
Capacitance: 0.022 uF
Capacitance Tolerance: 10%
Voltage DC: 630 VDC, 378 VDC (105C)
Voltage AC: 250 VAC
Temperature Range: -55/+105C
Rated Temperature: 85C
Dissipation Factor: 0.04% 1kHz, 0.06% 10kHz,
0.25% 100kHz
Insulation Resistance: 100 GOhms
Max dVdt: 500 V
Inductance: 6 nH
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - F461JT223K630A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F461JE223J160C KEMET-F461JE223J160C Datasheet
1Mb / 32P
   General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
F461JE223J1K0C KEMET-F461JE223J1K0C Datasheet
1Mb / 32P
   General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
F461JE223J1K6C KEMET-F461JE223J1K6C Datasheet
1Mb / 32P
   General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
F461JE223J1L2C KEMET-F461JE223J1L2C Datasheet
1Mb / 32P
   General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
F461JE223J250C KEMET-F461JE223J250C Datasheet
1Mb / 32P
   General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
More results

Similar Description - F461JT223K630A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F461JM223J400A KEMET-F461JM223J400A Datasheet
56Kb / 1P
   F461, Film, Metallized Polypropylene, Commercial Grade, 0.022 uF, 5%, 400 V, 85C, Lead Spacing = 5mm
F461JU224K160A KEMET-F461JU224K160A Datasheet
56Kb / 1P
   F461, Film, Metallized Polypropylene, Commercial Grade, 0.22 uF, 10%, 160 V, 85C, Lead Spacing = 5mm
F461JG472J630A KEMET-F461JG472J630A Datasheet
56Kb / 1P
   F461, Film, Metallized Polypropylene, Commercial Grade, 4700 pF, 5%, 630 V, 85C, Lead Spacing = 5mm
F461JF222J630A KEMET-F461JF222J630A Datasheet
56Kb / 1P
   F461, Film, Metallized Polypropylene, Commercial Grade, 2200 pF, 5%, 630 V, 85C, Lead Spacing = 5mm
F461AP473J630A KEMET-F461AP473J630A Datasheet
56Kb / 1P
   F461, Film, Metallized Polypropylene, Commercial Grade, 0.047 uF, 5%, 630 V, 85C, Lead Spacing = 10mm
F461DY105J630ZLH0J KEMET-F461DY105J630ZLH0J Datasheet
56Kb / 1P
   F461, Film, Metallized Polypropylene, Commercial Grade, 1 uF, 5%, 630 V, 85C, Lead Spacing = 22.5mm
F461JU473J400A KEMET-F461JU473J400A Datasheet
56Kb / 1P
   F461, Film, Metallized Polypropylene, Commercial Grade, 0.047 uF, 5%, 400 V, 85C, Lead Spacing = 5mm
F461JG103J400A KEMET-F461JG103J400A Datasheet
56Kb / 1P
   F461, Film, Metallized Polypropylene, Commercial Grade, 0.01 uF, 5%, 400 V, 85C, Lead Spacing = 5mm
F461JF103J250A KEMET-F461JF103J250A Datasheet
56Kb / 1P
   F461, Film, Metallized Polypropylene, Commercial Grade, 0.01 uF, 5%, 250 V, 85C, Lead Spacing = 5mm
R75PF2220AA30J KEMET-R75PF2220AA30J Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R75, 0.022 uF, 5%, 630 V, 85C, Lead Spacing = 10mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com