Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTVP20F-7701 Datasheet(PDF) 5 Page - Central Technologies

Part # CTVP20F-7701
Description  SMD Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTVP20F-7701 Datasheet(HTML) 5 Page - Central Technologies

  CTVP20F-7701 Datasheet HTML 1Page - Central Technologies CTVP20F-7701 Datasheet HTML 2Page - Central Technologies CTVP20F-7701 Datasheet HTML 3Page - Central Technologies CTVP20F-7701 Datasheet HTML 4Page - Central Technologies CTVP20F-7701 Datasheet HTML 5Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 04.22.15
www.ctparts.com
PHySICAl dImENSIONS
CTVP20F Series
(Unit: mm)
1
Schematic
12
2
11
3
10
4
9
5
8
6
7
1:1:1:1:1:1±3%
1
6
12
7
Top View
31.0
22.0
Suggested Pad Layout
29.5
0.7±0.1
1
6
PAGE 5 OF 5


Similar Part No. - CTVP20F-7701

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
CTVP00R AMPHENOL-CTVP00R Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
8/2006
CTVP02R AMPHENOL-CTVP02R Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
8/2006
More results

Similar Description - CTVP20F-7701

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
E13EMHV TDK-E13EMHV Datasheet
785Kb / 12P
   SMD Transformers
May 2022
logo
Accetek Electronics (Sh...
2BA ACCETEK-2BA Datasheet
1Mb / 6P
   SMD Balun Transformers
logo
TDK Electronics
ATB3225-75011CT TDK-ATB3225-75011CT_16 Datasheet
173Kb / 13P
   Balun Transformers Wound SMD
logo
Datatronic Distribution...
SM580-1 DATATRONICS-SM580-1 Datasheet
115Kb / 1P
   SMD GATE DRIVE TRANSFORMERS
logo
TDK Electronics
ATB2012-50011-T000 TDK-ATB2012-50011-T000 Datasheet
168Kb / 13P
   Balun Transformers Wound SMD
logo
Central Technologies
CTPTF CT-CTPTF Datasheet
554Kb / 3P
   SMD PoE Power Transformers
logo
TDK Electronics
VGT TDK-VGT Datasheet
136Kb / 4P
   SMD transformers for automotive grade Transformers for BMS
20200109
logo
List of Unclassifed Man...
G301 ETC-G301 Datasheet
38Kb / 1P
   SMD & DIP RF/PULSE TRANSFORMERS
logo
Filtran LTD
8409-XX FILTRAN-8409-XX Datasheet
189Kb / 1P
   SMD Power Inductors and Transformers
8417-XX FILTRAN-8417-XX Datasheet
172Kb / 1P
   SMD Power Inductors and Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com