Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1496 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1496
Description  1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1496 Datasheet(HTML) 5 Page - Linear Technology

  LT1496 Datasheet HTML 1Page - Linear Technology LT1496 Datasheet HTML 2Page - Linear Technology LT1496 Datasheet HTML 3Page - Linear Technology LT1496 Datasheet HTML 4Page - Linear Technology LT1496 Datasheet HTML 5Page - Linear Technology LT1496 Datasheet HTML 6Page - Linear Technology LT1496 Datasheet HTML 7Page - Linear Technology LT1496 Datasheet HTML 8Page - Linear Technology LT1496 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1494/LT1495/LT1496
ELECTRICAL CHARACTERISTICS
TA = 25°C, VS = ±15V, VCM = VO = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
200
575
µV
MS8 Package
200
675
µV
IB
Input Bias Current
25
1000
pA
IOS
Input Offset Current
20
100
pA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 100k
100
360
V/mV
Input Voltage Range
– 15
21
V
CMRR
Common Mode Rejection Ratio
VCM = – 15V to 14V
100
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
96
120
dB
VOL
Output Voltage Swing LOW
RL = 1M
–14.85
–14.70
V
RL = 100k
–14.75
–14.50
V
VOH
Output Voltage Swing HIGH
RL = 1M
14.78
14.89
V
RL = 100k
14.62
14.81
V
ISC
Short-Circuit Current
0.7
1.5
mA
IS
Supply Current per Amplifier
1.4
2.0
µA
LT1494H/LT1495H/LT1496H
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = 5V
q
225
875
µV
VS = 3V
q
275
975
µV
VOS TC
Input Offset Voltage Drift
(Note 4)
q
0.4
3
µV/°C
IB
Input Bias Current
(Note 5)
q
3.8
10
nA
VCM = 10V (Note 6)
q
0.300
2
µA
IOS
Input Offset Current
(Note 5)
q
0.3
2
nA
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.25V to 4.5V, RL = 100k
q
425
V/mV
VS = 3V, VO = 0.25V to 2.5V, RL = 100k
q
217
V/mV
Input Voltage Range
q
0.5
36
V
CMRR
Common Mode Rejection Ratio
VCM = 0.5V to 4V, VS = 5V
q
72
95
dB
VCM = 0.5V to 10V, VS = 5V
q
85
dB
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 12V, VCM = VO = 0.5V
q
86
105
dB
Minimum Operating Supply Voltage
q
2.7
V
VOL
Output Voltage Swing LOW
No Load
q
70
160
mV
ISINK = 100µA
q
275
550
mV
VOH
Output Voltage Swing HIGH
No Load
q
V+ – 140
V+ – 45
mV
ISOURCE = 100µA
q
V+ – 450
V+ – 225
mV
IS
Supply Current per Amplifier
(Note 6)
q
25
µA
The q denotes the specifications which apply over the temperature range of – 40
°C ≤ TA ≤ 125°C. VS = 5V, 0V; VS = 3V, 0V; VCM = VO =
half supply, unless otherwise noted. (Note 3)


Similar Part No. - LT1496

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1496 LINER-LT1496 Datasheet
314Kb / 12P
   1.5uA Max, Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1496 LINER-LT1496 Datasheet
860Kb / 22P
   Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
LT1496 LINER-LT1496 Datasheet
264Kb / 16P
   1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1496 LINER-LT1496 Datasheet
1,014Kb / 22P
   3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
LT1496CN LINER-LT1496CN Datasheet
314Kb / 12P
   1.5uA Max, Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1496

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1495 LINER-LT1495 Datasheet
314Kb / 12P
   1.5uA Max, Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1495 LINER-LT1495_15 Datasheet
264Kb / 16P
   1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1494 LINER-LT1494_15 Datasheet
264Kb / 16P
   1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1496 LINER-LT1496_15 Datasheet
264Kb / 16P
   1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1674 LINER-LT1674_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1673 LINER-LT1673_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1672 LINER-LT1672_15 Datasheet
220Kb / 12P
   Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A_1 Datasheet
343Kb / 16P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com