Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1494 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1494
Description  1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1494 Datasheet(HTML) 1 Page - Linear Technology

  LT1494 Datasheet HTML 1Page - Linear Technology LT1494 Datasheet HTML 2Page - Linear Technology LT1494 Datasheet HTML 3Page - Linear Technology LT1494 Datasheet HTML 4Page - Linear Technology LT1494 Datasheet HTML 5Page - Linear Technology LT1494 Datasheet HTML 6Page - Linear Technology LT1494 Datasheet HTML 7Page - Linear Technology LT1494 Datasheet HTML 8Page - Linear Technology LT1494 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1494/LT1495/LT1496
TYPICAL APPLICATION
APPLICATIO S
FEATURES
1.5
µA Max, Single, Dual
and Quad Over-The-Top Precision
Rail-to-Rail Input and Output Op Amps
s
Low Supply Current: 1.5
µA Max
s
Rail-to-Rail Input and Output
s
Low Offset Voltage: 375
µV Max
s
Operating Temperature Range: – 40
°C to 125°C
s
Over-The-Top
TM Inputs Operate Above V+
s
Wide Supply Range: 2.2V to 36V
s
Single Supply Input Range: – 0.3V to 36V
s
Low Input Bias Current: 250pA
s
Low Input Offset Current: 20pA
s
High AVOL: 100V/mV Minimum Driving 100kΩ Load
s
Output Sources and Sinks 500
µA Load Current
s
Reverse Battery Protected to 18V
The LT
®1494/LT1495/LT1496 are the lowest power
(IS ≤ 1.5µA) op amps with precision specifications. The
extremely low supply current is combined with excellent
amplifier specifications: input offset voltage is 375
µV
maximum with a typical drift of only 0.4
µV/°C, input offset
current is 100pA maximum. A minimum open-loop gain
(AVOL) of 100V/mV ensures that gain errors are small. The
device characteristics change little over the supply range
of 2.2V to
±15V. Supply rejection is 90dB and the common
mode rejection ratio is 90dB. Operation is specified for 3V,
5V and
±15V supplies. Reverse battery protection
(–18V min) and inputs that operate above the positive
supply make the LT1494/LT1495/LT1496 easy to use in
harsh environments.
The low bias currents and offset current of the amplifier
permit the use of megohm level source resistors without
introducing significant errors. Voltage noise at 4
µVP-P is
remarkably low considering the low supply current.
The LT1494 is available in the 8-Pin MSOP, PDIP and SO
packages.The LT1495 is available in plastic 8-Pin PDIP
and SO packages with the standard dual op amp pinout.
The LT1496 is available in 14-Pin SO and PDIP packages.
s
Battery- or Solar-Powered Systems
s
Portable Instrumentation
s
Remote Sensor Amplifier
s
Micropower Filter
Micropower Integrating Current Sense
+
1/2 LT1495
0.1
µF
RESET
RI
1M
1M
RS
0.1
LOAD
+
1/2 LT1495
IL
VCC
10M
10M
VCC
VO
OUTPUT SWITCHES
WHEN ILdt = 0.98 VCC
IS = 3µA DURING INTEGRATION; IS = 5µA END OF INTEGRATION
C = (4.9A)(SEC) FOR VCC = 5V
RI
RS
()
1495 TA01
200k
TC VOS Distribution
TC VOS (µV/°C)
30
25
20
15
10
5
0
–1.2
–0.4
0.4
1.2
1495 TA02
2.0
–1.6
– 2.0
–0.8
0
0.8
1.6
100 AMPLIFIERS
VS = ±2.5V
–40
°C TO 85°C
DESCRIPTIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
Over-The-Top is a trademark of Linear Technology Corporation.


Similar Part No. - LT1494

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1494 LINER-LT1494 Datasheet
392Kb / 38P
   Precision Micropower RMS-to-DC Converter
LT1494 LINER-LT1494 Datasheet
860Kb / 22P
   Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
LT1494 LINER-LT1494 Datasheet
264Kb / 16P
   1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1494 LINER-LT1494 Datasheet
1,014Kb / 22P
   3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
LT1494 LINER-LT1494_15 Datasheet
264Kb / 16P
   1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1494

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1495 LINER-LT1495 Datasheet
314Kb / 12P
   1.5uA Max, Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1495 LINER-LT1495_15 Datasheet
264Kb / 16P
   1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1494 LINER-LT1494_15 Datasheet
264Kb / 16P
   1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1496 LINER-LT1496_15 Datasheet
264Kb / 16P
   1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1674 LINER-LT1674_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1673 LINER-LT1673_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1672 LINER-LT1672_15 Datasheet
220Kb / 12P
   Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A_1 Datasheet
343Kb / 16P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com