Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZMSCQ-2-120 Datasheet(PDF) 1 Page - Mini-Circuits

Part No. ZMSCQ-2-120
Description  Power Splitter/Combiner
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZMSCQ-2-120 Datasheet(HTML) 1 Page - Mini-Circuits

  ZMSCQ-2-120 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
Avg. of Coupled Outputs
ABOVE 3 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
f
L-fU
Typ.
Min.
Typ.
Max.
Max.
Max.
80-120
21
18
0.3
0.7
3.0
1.5
A
B
C
D
E
F
GH
1.50
1.13
1.00
.50
.155 2.345
.138
.987
38.10 28.70 25.40 12.70
3.94 59.56
3.51 25.07
J
K
L
M
N
P
S
wt
2.50
.10
.31
.75
1.19
.66
.150 grams
63.50
2.54
7.87 19.05 30.23 16.76
3.81
40.0
Typical Performance Data
Electrical Specifications
Maximum Ratings
Coaxial Connections
SUM PORT
2
PORT 1 (0°)
1
PORT 2 (+90°)
3
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
1W max.
Internal Dissipation
0.125W max.
ZMSCQ-2-120+
2 Way-90
° 50Ω
80 to 120 MHz
Power Splitter/Combiner
REV. F
M151107
ZMSCQ-2-120+
HY/TD/CP/AM
151019
Coaxial
Features
• low insertion loss, 0.3 dB typ.
• high isolation, 21 dB typ.
• rugged shielded case
Applications
• VHF
• test set-ups
ZMSCQ-2-120+
TOTAL LOSS
2.5
3.0
3.5
4.0
4.5
80
90
100
110
120
FREQUENCY (MHz)
S-1(dB)
S-2(dB)
ZMSCQ-2-120+
ISOLATION
18
20
22
24
26
80
90
100
110
120
FREQUENCY (MHz)
ZMSCQ-2-120+
PHASE UNBALANCE
87.5
87.7
87.9
88.1
88.3
88.5
80
90
100
110
120
FREQUENCY (MHz)
electrical schematic
Outline Drawing
Outline Dimensions (
)
inch
mm
Frequency
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
CASE STYLE: M21
Connectors Model
SMA
ZMSCQ-2-120+
BRACKET (OPTION "B")
BRACKET (OPTION "BR")
80.00
2.85
3.50
0.65
24.28
88.27
1.16
1.17
1.19
82.00
2.92
3.43
0.52
24.08
88.25
1.16
1.17
1.20
84.00
2.98
3.37
0.39
23.90
88.22
1.17
1.17
1.20
86.00
3.04
3.31
0.27
23.71
88.19
1.17
1.17
1.21
90.00
3.16
3.21
0.05
23.34
88.15
1.18
1.17
1.22
94.00
3.27
3.13
0.14
22.96
88.09
1.19
1.17
1.24
96.00
3.31
3.09
0.23
22.76
88.08
1.19
1.17
1.25
100.00
3.40
3.03
0.37
22.38
88.04
1.20
1.17
1.27
104.00
3.48
2.99
0.49
21.97
88.02
1.22
1.17
1.28
108.00
3.54
2.96
0.58
21.55
88.01
1.23
1.18
1.31
110.00
3.57
2.96
0.62
21.33
88.01
1.24
1.18
1.32
114.00
3.62
2.96
0.66
20.89
88.03
1.26
1.18
1.34
116.00
3.64
2.96
0.68
20.66
88.04
1.27
1.18
1.35
118.00
3.65
2.97
0.68
20.43
88.05
1.28
1.18
1.37
120.00
3.66
2.98
0.68
20.20
88.07
1.29
1.19
1.38
Permanent damage may occur if any of these limits are exceeded.
1. Total Loss = Insertion Loss + 3dB splitter loss.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
HT-Series
Tight Spot
SMA Wrench
From $24.95
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com


Similar Part No. - ZMSCQ-2-120

ManufacturerPart No.DatasheetDescription
Mini-Circuits
Mini-Circuits
ZMSCQ-2-180 MINI-ZMSCQ-2-180 Datasheet
200Kb / 1P
   Power Splitter/Combiner
ZMSCQ-2-180++ MINI-ZMSCQ-2-180+ Datasheet
200Kb / 1P
   Power Splitter/Combiner
More results

Similar Description - ZMSCQ-2-120

ManufacturerPart No.DatasheetDescription
Mini-Circuits
Mini-Circuits
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
   Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
   Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
   Power Splitter/Combiner
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
   Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
   Power Splitter/Combiner
ZAPD-2DC++ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
   Power Splitter/Combiner
ZB8PD-362 MINI-ZB8PD-362 Datasheet
272Kb / 1P
   Power Splitter/Combiner
ZB8PD-622 MINI-ZB8PD-622 Datasheet
249Kb / 1P
   Power Splitter/Combiner
ZB16PD-272-75F MINI-ZB16PD-272-75F Datasheet
359Kb / 1P
   Power Splitter/Combiner
ZBSC-611 MINI-ZBSC-611 Datasheet
222Kb / 1P
   Power Splitter/Combiner
ZC4PD-900 MINI-ZC4PD-900 Datasheet
253Kb / 1P
   Power Splitter/Combiner
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz