Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1068257 Datasheet(PDF) 3 Page - SICK AG

Part No. 1068257
Description  INDUCTIVE PROXIMITY SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SICK [SICK AG]
Homepage  http://www.sick.com/
Logo 

1068257 Datasheet(HTML) 3 Page - SICK AG

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IME12-08NDSZY2S | IME
INDUCTIVE PROXIMITY SENSORS
Temperature drift (of Sr)
± 10 %
EMC
According to EN 60947-5-2
Continuous current Ia
≤ 100 mA
Off-state current
≤ 0.8 mA
Minimum load current
≥ 3 mA
Cable material
PVC
Short-circuit protection
Reverse polarity protection
Power-up pulse
≤ 5 ms
Shock and vibration resistance
30 g, 11 ms/10 Hz ... 55 Hz, 1 mm
Ambient operating temperature
–25 °C ... +75 °C
Housing material
Metal, Nickel-plated brass
Sensing face material
Plastic, Plastic
Housing length
65 mm
Thread length
43 mm
Tightening torque, max.
≤ 12 Nm
UL File No.
NRKH.E181493
1) At Ia = 30 mA.
2) At Ia max.
3) Ub and Ta constant.
4) Of Sr.
Reduction factors
Note
The values are reference values which may vary
St37 steel (Fe)
1
Stainless steel (V2A, 304)
Approx. 0.8
Aluminum (Al)
Approx. 0.45
Copper (Cu)
Approx. 0.4
Brass (Br)
Approx. 0.4
Installation note
Remark
Associated graphic see "Installation"
A
12 mm
B
24 mm
C
12 mm
D
24 mm
E
16 mm
F
64 mm
Classifications
ECl@ss 5.0
27270101
ECl@ss 5.1.4
27270101
ECl@ss 6.0
27270101
ECl@ss 6.2
27270101
2018-03-05 11:41:14 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
3


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn