![]() |
Electronic Components Datasheet Search |
|
401425 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
401425 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 2 page ![]() Total Confidence qPCR The AriaMx Real-Time PCR System is a fully integrated quantitative PCR amplification, detection, and data analysis system. Now with innovative modular optics which can be changed out in one easy step, the instrument provides the flexibility to scale up over time, as needed. The latest design combines a state-of-the- art thermal cycler, an advanced optical system with LED excitation source, and data analysis software. Continuing the tradition of intuitive software, the instrument now has a touchscreen so plates and analytics can be started with the touch of a finger. With enhanced performance, the software provides results capturing RDML information required for publishing under the miQE guidelines. Simultaneously, the software is equipped to export images and raw data in multiple formats, allowing results to be viewed in common programs. Feature Description Excitation Source 8 dye specific LEDs per optical module Detection Sources 8 photodiodes Optical Cartridges SYBR/FAM HEX ROX CY3 CY5 ATTO425 6 slots, swappable optical modules Dye Selection Excitation and Emission Reaction Volume 10μL to 30μL Chemistries Supported SYBR, Probe, HRM Thermal System Six Peltiers made from two ceramic plates with semi-conductor elements, 96-well Thermal System Temperature Range 25.0 – 99.9°C Heating: 6.0°C/sec Cooling: 3.0°C/sec (Median), 2.5°C/sec (Average) Accuracy: ± 0.2°C or better at typical annealing, amplification, and denaturation temperatures Dynamic Range 9 Experiment Types Quantitative PCR with dye, Quantitative PCR with probe, Allele Discrimination with HRM, Allele Discrimination with probe, Comparative Quantitation, User Defined Uniformity ± 0.4°C Data Acquisition Time <3 seconds for all Cq Uniformity Cq St Dev <0.20 at fast cycling (5s 95°C/10s 60°C) Electrical Power (input) 100 – 240VAC, 50/60Hz, 1100VA Operating Environment 20 – 30°C, 20 – 80% non-condensing humidity, 7500 feet, max altitude Weight 50 lbs. (23 kg) Dimensions 19.7” W x 18.1“ D x 16.5” H (50cm x 46cm x 42cm) Sample Containers 96-well plates, strip tubes; 0.2mL tubes Warranty • 1-year warranty is standard with the instrument • 5-year warranty and service packages available Onboard Analytics • Thermal, physical, interactive (sensors) tests • Extended: 125 performance points tested in 30 minutes • Start-up: 59 performance points tested in ~1 minute • Optional bypass of both features Services (upon request) • Installation and familiarization • Standard and Enhanced Preventative Maintenance • Additional year warranty (+1 increments, up to 5 years coverage) • Return-to-Agilent Instrument Exchange Program • Thermal block verification Operating System • Windows 7 and 10 MS Office Compatibility • Microsoft 2010 and 2013 compatible Run Modes • Stand alone • PC connected • LAN connected to PC (more than 20 instruments can be connected and monitored remotely) • USB connected, external devices Specifications Table For more firmware and software features, see next page. AriaMx Real-Time PCR System SPEED AGILITY PRECISION |Genomics |
Similar Part No. - 401425 |
|
Similar Description - 401425 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |