Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKD91-06A Datasheet(PDF) 7 Page - International Rectifier

Part # IRKD91-06A
Description  STANDARD DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD91-06A Datasheet(HTML) 7 Page - International Rectifier

  IRKD91-06A Datasheet HTML 1Page - International Rectifier IRKD91-06A Datasheet HTML 2Page - International Rectifier IRKD91-06A Datasheet HTML 3Page - International Rectifier IRKD91-06A Datasheet HTML 4Page - International Rectifier IRKD91-06A Datasheet HTML 5Page - International Rectifier IRKD91-06A Datasheet HTML 6Page - International Rectifier IRKD91-06A Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IRK.91 Series
7
Bulletin I27141 rev. F 10/02
www.irf.com
Fig. 10 - Forward Voltage Drop Characteristics
Fig. 11 - Thermal Impedance Z
thJC Characteristic
10
100
1000
0.5
1
1.5
2
2.5
T = 25°C
J
Instantaneous Forward Voltage (V)
T = 150°C
J
IRK.91.. Series
Per Junction
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value:
R
= 0.35 K/W
(DC Operation)
IRK.91.. Series
Per Junction
thJC
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 10/02
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.


Similar Part No. - IRKD91-06A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKD91 IRF-IRKD91 Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKD91 IRF-IRKD91 Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKD91/04A IRF-IRKD91/04A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKD91/06A IRF-IRKD91/06A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKD91/08A IRF-IRKD91/08A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
More results

Similar Description - IRKD91-06A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
Nell Semiconductor Co.,...
NKD250 NELLSEMI-NKD250_18 Datasheet
663Kb / 4P
   Standard Diodes
logo
Vishay Siliconix
VSKD600-08 VISHAY-VSKD600-08_15 Datasheet
255Kb / 9P
   Standard Diodes
Revision: 29-Apr-15
logo
Nell Semiconductor Co.,...
NKD350 NELLSEMI-NKD350_17 Datasheet
649Kb / 4P
   Standard Diodes
NKD250 NELLSEMI-NKD250 Datasheet
487Kb / 4P
   Standard Diodes
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com