Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD21 Datasheet(PDF) 3 Page - Schurter Inc.

Part # DD21
Description  IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole, for PCB mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DD21 Datasheet(HTML) 3 Page - Schurter Inc.

  DD21_18 Datasheet HTML 1Page - Schurter Inc. DD21_18 Datasheet HTML 2Page - Schurter Inc. DD21_18 Datasheet HTML 3Page - Schurter Inc. DD21_18 Datasheet HTML 4Page - Schurter Inc. DD21_18 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Power entry modules without line filter
DD21
https://www.schurter.com /PG05
Connectors
Dimensions [mm]
Screw version
46.7
3.4
10.3
0.95
1.25
29.2
6
10.45
56
65
±0.10
34.6
3.5
2.5
1.5
33
0.8
19.05
56
47.1
±0.15
1)
2)
46.6
32.4
3.2
±0.10
56
10.45
±0.15
3.6
39.65±0.15
6±0.10
3.6
1.6
1.3
1.3 +0.10
0
+0.10
0
+0.10
0
1) with cover
2) without cover
For grounding additional quick connect terminal 4.8 x 0.8 mm
Diagrams
non-illuminated
F2
F1
L'
N'
PE'
PE''
L
N
PE
2)
1)
S
1) Line
2) Load
illuminated
F2
F1
L'
N'
PE'
L
N
PE
2)
1)
R
S
PE''
1) Line
2) Load


Similar Part No. - DD21_18

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DD21.0111.1111 SCHURTER-DD21.0111.1111 Datasheet
544Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole, for PCB mounting
DD21.0113.1111 SCHURTER-DD21.0113.1111 Datasheet
544Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole, for PCB mounting
DD21.0114.1111 SCHURTER-DD21.0114.1111 Datasheet
544Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole, for PCB mounting
DD21.0121.1111 SCHURTER-DD21.0121.1111 Datasheet
544Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole, for PCB mounting
DD21.0123.1111 SCHURTER-DD21.0123.1111 Datasheet
544Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole, for PCB mounting
More results

Similar Description - DD21_18

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DD21 SCHURTER-DD21_V01 Datasheet
449Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole, for PCB mounting,
08.12.2021
DD21 SCHURTER-DD21 Datasheet
544Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole, for PCB mounting
DD22 SCHURTER-DD22_17 Datasheet
539Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
DD22 SCHURTER-DD22_V01 Datasheet
559Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
04.01.2022
DD22 SCHURTER-DD22 Datasheet
712Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
DD11 SCHURTER-DD11_18 Datasheet
386Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
KM00120511 SCHURTER-KM00120511 Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 1- or 2-pole
DD11 SCHURTER-DD11_V01 Datasheet
480Kb / 6P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
08.12.2021
DD11 SCHURTER-DD11 Datasheet
586Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
DD12 SCHURTER-DD12 Datasheet
752Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com