Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20SQ045-3G Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # 20SQ045-3G
Description  Schottky Barrier Rectifier Diodes Generation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

20SQ045-3G Datasheet(HTML) 2 Page - Diotec Semiconductor

  20SQ045-3G Datasheet HTML 1Page - Diotec Semiconductor 20SQ045-3G Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20SQ045-3G
Characteristics
Kennwerte
Type
Typ
Forward voltage
Durchlass-Spannung
Forward voltage
Durchlass-Spannung
VF [V]
@ IF [A]
@ Tj
VF [V]
@ IF [A]
@ Tj
20SQ045-3G
< 0.43
typ. 0.25
5
25°C
125°C
< 0.55
20
25°C
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
IR
< 200 µA
typ. 3 mA
Typical junction capacitance – Typische Sperrschichtkapazität
VR = 4 V
Cj
510 pF
Thermal resistance junction to ambient – Wärmewiderstand Sperrschicht – Umgebung
RthA
< 12 K/W 1)
Thermal resistance junction to lead – Wärmewiderstand Sperrschicht – Anschlussdraht
RthL
< 2.5 K/W 2)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
Measured in 3 mm distance from case – use for bypass diodes test
Gemessen in 3 mm Abstand vom Gehäuse – für Bypass-Diodentest
2
http://www.diotec.com/
© Diotec Semiconductor AG
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
10
10
1
10
10
2
-1
-2
[A]
I
F
0
V
F
0.4
0.6
[V]
1.0
T = 25°C
j
T = 125°C
j
[mA]
I
R
0
V
RRM
40
60
80
100 [%]
Typ. instantaneous leakage current vs. rev. voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 25°C
j
T = 100°C
j
T = 125°C
j
T = 75°C
j
T = 50°C
j
T = 150°C
j
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0


Similar Part No. - 20SQ045-3G

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
20SQ045-3G DIOTEC-20SQ045-3G Datasheet
155Kb / 2P
   Schottky Barrier Rectifier Diodes 3rd Generation
20SQ045-3G DIOTEC-20SQ045-3G_18 Datasheet
155Kb / 2P
   Schottky Barrier Rectifier Diodes 3rd Generation
More results

Similar Description - 20SQ045-3G

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBX2040-3G DIOTEC-SBX2040-3G Datasheet
155Kb / 2P
   Schottky Barrier Rectifier Diodes Generation
15SQ045-3G DIOTEC-15SQ045-3G Datasheet
137Kb / 2P
   Schottky Barrier Rectifier Diodes 3rd Generation
15SQ045-3G DIOTEC-15SQ045-3G_1 Datasheet
154Kb / 2P
   Schottky Barrier Rectifier Diodes 3rd Generation
20SQ045-3G DIOTEC-20SQ045-3G_18 Datasheet
155Kb / 2P
   Schottky Barrier Rectifier Diodes 3rd Generation
SBX3040-3G DIOTEC-SBX3040-3G Datasheet
139Kb / 2P
   Schottky Barrier Rectifier Diodes 3rd Generation
SB1540-3G DIOTEC-SB1540-3G Datasheet
154Kb / 2P
   Schottky Barrier Rectifier Diodes 3rd Generation
SBX2540-3G DIOTEC-SBX2540-3G Datasheet
140Kb / 2P
   Schottky Barrier Rectifier Diodes 3rd Generation
SK34SMA-3G DIOTEC-SK34SMA-3G Datasheet
147Kb / 2P
   SMD Schottky Barrier Rectifier Diodes 3rd Generation
SK54-3G DIOTEC-SK54-3G Datasheet
130Kb / 2P
   SMD Schottky Barrier Rectifier Diodes 3rd Generation
SK84-3G DIOTEC-SK84-3G Datasheet
131Kb / 2P
   SMD Schottky Barrier Rectifier Diodes 3rd Generation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com