Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6422.0051.10 Datasheet(PDF) 1 Page - Schurter Inc.

Part No. 6422.0051.10
Description  IEC Appliance Inlet C14 with modular extended Components
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SCHURTER [Schurter Inc.]
Homepage  http://www.schurterinc.com
Logo 

6422.0051.10 Datasheet(HTML) 1 Page - Schurter Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Power entry modules without line filter
Felcom 64
https://www.schurter.com /PG05
Connectors
IEC Appliance Inlet C14 with modular extended Components
6421.005X.XX
Appliance inlet
Appliance outlet
6431.005X.XX
Appliance inlet
Switch
Appliance outlet
6432.0X5X.XX
Appliance inlet
Fuseholder
Switch
Appliance outlet
Approvals and Compliances
C14
70° C
F
70° C
Description
- Panel Mount :
Snap-in version , from front side
- 2 - 5 Functions :
Appliance Inlet , Protection class I , Outlet , Line Switch 2-pole , Fu-
seholder for fuse-links 5 x 20 mm 1- or 2-pole , Solder terminals 3.5 x
0.8 mm or quick connect terminals 6.3 x 0.8 mm
Characteristics
- Modular component selection
- Individual components soldered on a printed circuit board
- Plug removal necessary for fuse-link replacement
- Fully insulated from the rear
- Suitable for use in equipment according to IEC/UL 60950
Other versions on request
- Line switch with other rocker marking
References
Alternative: version with line filter Felcom 54
Weblinks
pdf datasheet, html-datasheet, General Product Information, Distributor-
Stock-Check, Accessories, Detailed request for product
Technical Data
Ratings IEC
10 A / 250 VAC; 50 Hz
Ratings UL/CSA
10 A / 125/250 VAC; 60 Hz
Allowable Operation Tempe-
rature
-25 °C to 70 °C
Insulation cover
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Solder terminals 3.5 x 0.8 mm or quick
connect terminals 6.3 x 0.8 mm , tin-
plated
Panel Thickness S
Snap-in: 1/1.2/1.5/2/2.5/3 mm
Material: Housing
Thermoplastic, black, UL 94V-0
appliance inlet/-outlet
C14 acc. to IEC 60320-1
and F acc. to
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 10 A,
Protection Class I
Fuseholder
1 or 2 pole, Shocksafe category PC2
acc. to IEC 60127-6,
for fuse-links 5 x 20 mm
Rated Power Acceptance @
Ta 23 °C
5 x 20: 2 W (1 pole)/ 1.6 W (2-pole) per
pole
Power Acceptance @ Ta >
23°C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Line Switch
Rocker switch 2-pole, non-illuminated,
IEC 61058-1
Technical Details
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: Felcom
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
Certificate Number: 40028094
UL Approvals
UL
UL File Number: E103791, E96454


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn