Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6422.0051.10 Datasheet(PDF) 6 Page - Schurter Inc.

Part No. 6422.0051.10
Description  IEC Appliance Inlet C14 with modular extended Components
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SCHURTER [Schurter Inc.]
Homepage  http://www.schurterinc.com
Logo 

6422.0051.10 Datasheet(HTML) 6 Page - Schurter Inc.

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Power entry modules without line filter
Felcom 64
https://www.schurter.com /PG05
Connectors
Type
Connectors
Connector
Line Switch
Fuseholder
connection type
Panel Thickness s [mm] Order Number
Felcom 64
C14
F
-
2-pole
Quick connect terminals 6.3 x 0.8 mm
1.5
6423.0253.15
Felcom 64
C14
F
-
2-pole
Quick connect terminals 6.3 x 0.8 mm
2.0
6423.0253.20
Felcom 64
C14
F
-
2-pole
Quick connect terminals 6.3 x 0.8 mm
3.0
6423.0253.30
Felcom 64
C14
F
-
2-pole
Solder terminals 3.5 x 0.8 mm
1.5
6423.0251.15
Felcom 64
C14
F
-
2-pole
Solder terminals 3.5 x 0.8 mm
2.5
6423.0251.25
Felcom 64
C14
F
-
2-pole
Solder terminals 3.5 x 0.8 mm
3.0
6423.0251.30
Felcom 64
C14
F
2-pole
-
Quick connect terminals 6.3 x 0.8 mm
1.5
6431.0053.15
Felcom 64
C14
F
2-pole
-
Quick connect terminals 6.3 x 0.8 mm
2.0
6431.0053.20
Felcom 64
C14
F
2-pole
-
Quick connect terminals 6.3 x 0.8 mm
3.0
6431.0053.30
Felcom 64
C14
F
2-pole
-
Solder terminals 3.5 x 0.8 mm
1.0
6431.0051.10
Felcom 64
C14
F
2-pole
-
Solder terminals 3.5 x 0.8 mm
1.5
6431.0051.15
Felcom 64
C14
F
2-pole
-
Solder terminals 3.5 x 0.8 mm
2.0
6431.0051.20
Felcom 64
C14
F
2-pole
-
Solder terminals 3.5 x 0.8 mm
2.5
6431.0051.25
Felcom 64
C14
F
2-pole
1-pole
Quick connect terminals 6.3 x 0.8 mm
1.0
6432.0153.10
Felcom 64
C14
F
2-pole
1-pole
Quick connect terminals 6.3 x 0.8 mm
1.5
6432.0153.15
Felcom 64
C14
F
2-pole
1-pole
Quick connect terminals 6.3 x 0.8 mm
2.0
6432.0153.20
Felcom 64
C14
F
2-pole
1-pole
Quick connect terminals 6.3 x 0.8 mm
2.5
6432.0153.25
Felcom 64
C14
F
2-pole
1-pole
Quick connect terminals 6.3 x 0.8 mm
3.0
6432.0153.30
Felcom 64
C14
F
2-pole
1-pole
Solder terminals 3.5 x 0.8 mm
1.5
6432.0151.15
Felcom 64
C14
F
2-pole
2-pole
Quick connect terminals 6.3 x 0.8 mm
1.0
6432.0253.10
Felcom 64
C14
F
2-pole
2-pole
Quick connect terminals 6.3 x 0.8 mm
1.2
6432.0253.12
Felcom 64
C14
F
2-pole
2-pole
Quick connect terminals 6.3 x 0.8 mm
1.5
6432.0253.15
Felcom 64
C14
F
2-pole
2-pole
Quick connect terminals 6.3 x 0.8 mm
2.0
6432.0253.20
Felcom 64
C14
F
2-pole
2-pole
Quick connect terminals 6.3 x 0.8 mm
3.0
6432.0253.30
Felcom 64
C14
F
2-pole
2-pole
Solder terminals 3.5 x 0.8 mm
1.0
6432.0251.10
Felcom 64
C14
F
2-pole
2-pole
Solder terminals 3.5 x 0.8 mm
1.5
6432.0251.15
Felcom 64
C14
F
2-pole
2-pole
Solder terminals 3.5 x 0.8 mm
2.0
6432.0251.20
Felcom 64
C14
F
2-pole
2-pole
Solder terminals 3.5 x 0.8 mm
3.0
6432.0251.30
Felcom 64
C14
F
2-pole
2-pole
Solder terminals 3.5 x 0.8 mm or quick
connect terminals 6.3 x 0.8 mm
2.5
6432.0250.25
Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging unit
10 Pcs
Accessories
Description
Cord retaining kits
Cord retaining strain relief
Flat head, A
4700.0001
Flat head, E
4700.0005
Flat head, G
4700.0007


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn