Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6422.0051.10 Datasheet(PDF) 4 Page - Schurter Inc.

Part No. 6422.0051.10
Description  IEC Appliance Inlet C14 with modular extended Components
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SCHURTER [Schurter Inc.]
Homepage  http://www.schurterinc.com
Logo 

6422.0051.10 Datasheet(HTML) 4 Page - Schurter Inc.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Power entry modules without line filter
Felcom 64
https://www.schurter.com /PG05
Connectors
Diagrams
6421
2)
1)
L
LINE
N
1) Load 2
2) Load 1
6422
2)
1)
1) Line
2) Load 1
6423
2)
1)
L
LINE
N
1) Load 2
2) Load 1
6424
2)
1)
1) Line
2) Load 1
6431
2)
1)
L
LINE
N
1) Load 2
2) Load 1
6432
2)
1)
L
LINE
N
1) Load 2
2) Load 1
Derating Curves
1-pole
020406080
100
I = << In
I = 0.7 In
I = 1.0 In
2.0
1.5
1.0
0.5
0.0
Ambient air temperature Ta °C
2-pole
020406080
100
0.2
0.0
I = << In
I = 0.7 In
I = 1.0 In
1.6
0.6
0.4
0.8
1.2
1.0
1.4
Ambient air temperature Ta °C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn