Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKH Datasheet(PDF) 3 Page - Schurter Inc.

Part # FKH
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FKH Datasheet(HTML) 3 Page - Schurter Inc.

  FKH_18 Datasheet HTML 1Page - Schurter Inc. FKH_18 Datasheet HTML 2Page - Schurter Inc. FKH_18 Datasheet HTML 3Page - Schurter Inc. FKH_18 Datasheet HTML 4Page - Schurter Inc. FKH_18 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Power Entry Modules with Line Filter
FKH
https://www.schurter.com /PG06
EMC Products
Case 50
40
49.5
40
6.3x0.8
28
R4
40.5
50±0.5
50
55
28.7
±0.5
±0.5
5.5
15
29.5
3.5
±0.15
M3
Technical Data of Filter-Components
Rated Current
[A]
Filter-Type
Inductances
L [mH]
Capacitance
CX [nF]
Capacitance
CY [nF]
R [M
Ω]
1
Standard Version
2 x 10
68
2.2
1
2
Standard Version
2 x 4
68
2.2
1
4
Standard Version
2 x 1.5
68
2.2
1
6
Standard Version
2 x 0.8
68
2.2
1
10
Standard Version
2 x 0.3
68
2.2
1
1
Medical Version (M5)
2 x 10
68
-
1
2
Medical Version (M5)
2 x 4
68
-
1
4
Medical Version (M5)
2 x 1.5
68
-
1
6
Medical Version (M5)
2 x 0.8
68
-
1
10
Medical Version (M5)
2 x 0.3
68
-
1
Diagrams
Standard version
N
PE
L
Cx
L1
L2
N’
PE’
L’
R
Cx
F1
Cy
Cy
1)
2)
R = 1M
1) Line
2) Load
Medical version (M5)
N
PE
L
Cx
L1
L2
N’
PE’
L’
R
Cx
F1
1)
2)
1) Line
2) Load
Derating Curves
1-pole
020406080
100
0.2
0.0
I = << In
I = 0.7 In
I = 1.0 In
1.6
0.6
0.4
0.8
1.2
1.0
1.4
Ambient air temperature Ta °C


Similar Part No. - FKH_18

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKH0139 FETEK-FKH0139 Datasheet
635Kb / 4P
   P-Ch 100V Fast Switching MOSFETs
Ver : A
FKH6115 FETEK-FKH6115 Datasheet
487Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
Ver : A
More results

Similar Description - FKH_18

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FKH SCHURTER-FKH Datasheet
751Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
FKH SCHURTER-FKH_V01 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
FKI SCHURTER-FKI_18 Datasheet
522Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 2-pole, Line Switch 2-pole
FKI SCHURTER-FKI_V01 Datasheet
568Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 2-pole, Line Switch 2-pole
04.01.2022
FKI SCHURTER-FKI Datasheet
752Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 2-pole, Line Switch 2-pole
FKHD SCHURTER-FKHD_V01 Datasheet
527Kb / 5P
   IEC Appliance Inlet C14 with Filter 2-Stage, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
DD12 SCHURTER-DD12 Datasheet
752Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
FKHD SCHURTER-FKHD Datasheet
675Kb / 4P
   IEC Appliance Inlet C14 with Filter 2-Stage, Fuseholder 1-pole, Line Switch 2-pole
DD12 SCHURTER-DD12_V01 Datasheet
882Kb / 9P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
04.01.2022
FKHD SCHURTER-FKHD_18 Datasheet
517Kb / 5P
   IEC Appliance Inlet C14 with Filter 2-Stage, Fuseholder 1-pole, Line Switch 2-pole
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com